Electronic Components Datasheet Search
  English  ▼

X  

FDC37M604 Datasheet(PDF) 19 Page - SMSC Corporation

Part # FDC37M604
Description  ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37M604 Datasheet(HTML) 19 Page - SMSC Corporation

Back Button FDC37M604 Datasheet HTML 15Page - SMSC Corporation FDC37M604 Datasheet HTML 16Page - SMSC Corporation FDC37M604 Datasheet HTML 17Page - SMSC Corporation FDC37M604 Datasheet HTML 18Page - SMSC Corporation FDC37M604 Datasheet HTML 19Page - SMSC Corporation FDC37M604 Datasheet HTML 20Page - SMSC Corporation FDC37M604 Datasheet HTML 21Page - SMSC Corporation FDC37M604 Datasheet HTML 22Page - SMSC Corporation FDC37M604 Datasheet HTML 23Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 182 page
background image
19
Normal Floppy Mode
Normal mode.
Register 3F3 contains only bits 0 and 1. When this register is read, bits 2-7 are a
high impedance.
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
REG 3F3
Tri-state
Tri-state
Tri-state
Tri-state
Tri-state
Tri-state
tape sel1
tape sel0
Enhanced Floppy Mode 2 (OS2)
Register 3F3 for Enhanced Floppy Mode 2 operation.
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
REG 3F3
Media
ID1
Media
ID0
Drive Type ID
Floppy Boot Drive
tape sel1
tape sel0
For this mode, MEDIA_ID[1:0] pins are gated
into bits 6 and 7 of the 3F3 register. These two
bits are not affected by a hard or soft reset.
BIT 7 MEDIA ID 1 READ ONLY (Pin 19) (See
Table 7)
BIT 6 MEDIA ID 0 READ ONLY (Pin 20) (See
Table 8)
BITS 5 and 4 Drive Type ID - These bits reflect
two of the bits of L0-CRF1. Which two bits
these are depends on the last drive selected in
the Digital Output Register (3F2). (See Table 9)
Note:
L0-CRF1-B5
=
Logical
Device
0,
Configuration Register F1, Bit 5
BITS 3 and 2 Floppy Boot Drive - These bits
reflect the value of L0-CRF1. Bit 3 = L0-CRF1-
B7. Bit 2 = L0-CRF1-B6.
Bits
1
and
0
-
Tape
Drive
Select
(READ/WRITE).
Same
as
in
Normal
and
Enhanced Floppy Mode 1.
Table 7 - Media ID1
Input
MEDIA ID1
BIT 7
Pin 19
L0-CRF1-B5
= 0
L0-CRF1-B5
= 1
0
0
1
1
1
0
Table 8 - Media ID0
Input
MEDIA ID0
BIT 6
Pin 20
CRF1-B4
= 0
CRF1-B4
= 1
0
0
1
1
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com