Electronic Components Datasheet Search
  English  ▼

X  

FDC37M604 Datasheet(PDF) 97 Page - SMSC Corporation

Part # FDC37M604
Description  ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37M604 Datasheet(HTML) 97 Page - SMSC Corporation

Back Button FDC37M604 Datasheet HTML 93Page - SMSC Corporation FDC37M604 Datasheet HTML 94Page - SMSC Corporation FDC37M604 Datasheet HTML 95Page - SMSC Corporation FDC37M604 Datasheet HTML 96Page - SMSC Corporation FDC37M604 Datasheet HTML 97Page - SMSC Corporation FDC37M604 Datasheet HTML 98Page - SMSC Corporation FDC37M604 Datasheet HTML 99Page - SMSC Corporation FDC37M604 Datasheet HTML 100Page - SMSC Corporation FDC37M604 Datasheet HTML 101Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 182 page
background image
97
OPERATION
Mode Switching/Software Control
Software will execute P1284 negotiation and all
operation prior to a data transfer phase under
programmed I/O control (mode 000 or 001).
Hardware provides an automatic control line
handshake, moving data between the FIFO and
the ECP port only in the data transfer phase
(modes 011 or 010).
Setting the mode to 011 or 010 will cause the
hardware to initiate data transfer.
If the port is in mode 000 or 001 it may switch to
any other mode. If the port is not in mode 000
or 001 it can only be switched into mode 000 or
001.
The
direction
can only be changed in
mode 001.
Once in an extended forward mode the software
should wait for the FIFO to be empty before
switching back to mode 000 or 001. In this case
all control signals will be deasserted before the
mode switch. In an ecp reverse mode the
software waits for all the data to be read from
the FIFO before changing back to mode 000 or
001. Since the automatic hardware ecp reverse
handshake only cares about the state of the
FIFO it may have acquired extra data which will
be discarded. It may in fact be in the middle of a
transfer when the mode is changed back to 000
or 001. In this case the port will deassert
nAutoFd independent of the state of the transfer.
The design shall not cause glitches on the
handshake signals if the software meets the
constraints above.
ECP Operation
Prior to ECP operation the Host must negotiate
on the parallel port to determine if the peripheral
supports
the
ECP protocol. This is a
somewhat
complex
negotiation
carried
out
under program control in mode 000.
After negotiation, it is necessary to initialize
some of the port bits. The following are required:
•
Set Direction = 0, enabling the drivers.
•
Set strobe = 0, causing the nStrobe signal
to default to the deasserted state.
•
Set
autoFd
= 0, causing the nAutoFd
signal to default to the deasserted state.
•
Set mode = 011 (ECP Mode)
ECP address/RLE bytes or data bytes may be
sent automatically by writing the ecpAFifo or
ecpDFifo respectively.
Note that all FIFO data transfers are byte wide
and byte aligned.
Address/RLE transfers are
byte-wide and only allowed in the forward
direction.
The host may switch directions by first switching
to mode = 001, negotiating for the forward or
reverse channel, setting direction to “1” or “0”,
then setting mode = 011. When direction is 1
the hardware shall handshake for each ECP
read data byte and attempt to fill the FIFO.
Bytes may then be read from the ecpDFifo as
long as it is not empty.
ECP transfers may also be accomplished (albeit
slowly) by handshaking individual bytes under
program control in mode = 001, or 000.
Termination from ECP Mode
Termination from ECP Mode is similar to the
termination from Nibble/Byte Modes. The host is
permitted to terminate from ECP Mode only in
specific well-defined states. The termination can
only be executed while the bus is in the forward
direction. To terminate while the channel is in
the reverse direction, it must first be transitioned
into the forward direction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com