Electronic Components Datasheet Search
  English  ▼

X  

FDC37M604 Datasheet(PDF) 24 Page - SMSC Corporation

Part # FDC37M604
Description  ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37M604 Datasheet(HTML) 24 Page - SMSC Corporation

Back Button FDC37M604 Datasheet HTML 20Page - SMSC Corporation FDC37M604 Datasheet HTML 21Page - SMSC Corporation FDC37M604 Datasheet HTML 22Page - SMSC Corporation FDC37M604 Datasheet HTML 23Page - SMSC Corporation FDC37M604 Datasheet HTML 24Page - SMSC Corporation FDC37M604 Datasheet HTML 25Page - SMSC Corporation FDC37M604 Datasheet HTML 26Page - SMSC Corporation FDC37M604 Datasheet HTML 27Page - SMSC Corporation FDC37M604 Datasheet HTML 28Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 182 page
background image
24
MAIN STATUS REGISTER
Address 3F4 READ ONLY
The Main Status Register is a read-only register
and indicates the status of the disk controller.
The Main Status Register can be read at any
time.
The MSR indicates when the disk
controller is ready to receive data via the Data
Register.
It should be read before each byte
transferring to or from the data register except in
DMA mode. No delay is required when reading
the MSR after a data transfer.
BIT 0 - 3 DRV x BUSY
These bits are set to 1s when a drive is in the
seek portion of a command, including implied
and overlapped seeks and recalibrates.
BIT 4 COMMAND BUSY
This bit is set to a “1” when a command is in
progress.
This bit will go active after the
command byte has been accepted and goes
inactive at the end of the results phase. If there
is
no
result
phase
(Seek,
Recalibrate
commands), this bit is returned to a “0” after the
last command byte.
BIT 5 NON-DMA
This
mode
is
selected
in
the
SPECIFY
command and will be set to a “1” during the
execution phase of a command.
This is for
polled data transfers and helps differentiate
between the data transfer phase and the reading
of result bytes.
BIT 6 DIO
Indicates the direction of a data transfer once a
RQM is set. A “1” indicates a read and a “0”
indicates a write is required.
BIT 7 RQM
Indicates that the host can transfer data if set to
a “1”. No access is permitted if set to a “0”.
7
6
5
4
3
2
1
0
RQM
DIO
NON
DMA
CMD
BUSY
DRV3
BUSY
DRV2
BUSY
DRV1
BUSY
DRV0
BUSY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com