Electronic Components Datasheet Search
  English  ▼

X  

FDC37M604 Datasheet(PDF) 98 Page - SMSC Corporation

Part # FDC37M604
Description  ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37M604 Datasheet(HTML) 98 Page - SMSC Corporation

Back Button FDC37M604 Datasheet HTML 94Page - SMSC Corporation FDC37M604 Datasheet HTML 95Page - SMSC Corporation FDC37M604 Datasheet HTML 96Page - SMSC Corporation FDC37M604 Datasheet HTML 97Page - SMSC Corporation FDC37M604 Datasheet HTML 98Page - SMSC Corporation FDC37M604 Datasheet HTML 99Page - SMSC Corporation FDC37M604 Datasheet HTML 100Page - SMSC Corporation FDC37M604 Datasheet HTML 101Page - SMSC Corporation FDC37M604 Datasheet HTML 102Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 182 page
background image
98
Command/Data
ECP Mode supports two advanced features to
improve the effectiveness of the protocol for
some
applications.
The
features
are
implemented by allowing the transfer of normal
8-bit data or 8-bit commands.
When in the forward direction, normal data is
transferred when HostAck is high and an 8 bit
command is transferred when HostAck is low.
The most significant bit of the command
indicates whether it is a run-length count (for
compression) or a channel address.
When in the reverse direction, normal data is
transferred when PeriphAck is high and an 8 bit
command is transferred when PeriphAck is low.
The most significant bit of the command is
always zero. Reverse channel addresses are
seldom used and may not be supported in
hardware.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com