Electronic Components Datasheet Search
  English  ▼

X  

FDC37M604 Datasheet(PDF) 91 Page - SMSC Corporation

Part # FDC37M604
Description  ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37M604 Datasheet(HTML) 91 Page - SMSC Corporation

Back Button FDC37M604 Datasheet HTML 87Page - SMSC Corporation FDC37M604 Datasheet HTML 88Page - SMSC Corporation FDC37M604 Datasheet HTML 89Page - SMSC Corporation FDC37M604 Datasheet HTML 90Page - SMSC Corporation FDC37M604 Datasheet HTML 91Page - SMSC Corporation FDC37M604 Datasheet HTML 92Page - SMSC Corporation FDC37M604 Datasheet HTML 93Page - SMSC Corporation FDC37M604 Datasheet HTML 94Page - SMSC Corporation FDC37M604 Datasheet HTML 95Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 182 page
background image
91
Table 39 - ECP Pin Descriptions
NAME
TYPE
DESCRIPTION
nStrobe
O
During write operations nStrobe registers data or address into the slave
on the asserting edge (handshakes with Busy).
PData 7:0
I/O
Contains address or data or RLE data.
nAck
I
Indicates valid data driven by the peripheral when asserted. This signal
handshakes with nAutoFd in reverse.
PeriphAck (Busy)
I
This signal deasserts to indicate that the peripheral can accept data.
This signal handshakes with nStrobe in the forward direction. In the
reverse direction this signal indicates whether the data lines contain
ECP command information or data. The peripheral uses this signal to
flow control in the forward direction. It is an "interlocked" handshake
with nStrobe. PeriphAck also provides command information in the
reverse direction.
PError
(nAckReverse)
I
Used to acknowledge a change in the direction the transfer (asserted =
forward).
The peripheral drives this signal low to acknowledge
nReverseRequest.
It
is
an
"interlocked"
handshake
with
nReverseRequest. The host relies upon nAckReverse to determine
when it is permitted to drive the data bus.
Select
I
Indicates printer on line.
nAutoFd
(HostAck)
O
Requests a byte of data from the peripheral when asserted,
handshaking with nAck in the reverse direction. In the forward direction
this signal indicates whether the data lines contain ECP address or
data. The host drives this signal to flow control in the reverse direction.
It is an "interlocked" handshake with nAck. HostAck also provides
command information in the forward phase.
nFault
(nPeriphRequest)
I
Generates an error interrupt when asserted. This signal provides a
mechanism for peer-to-peer communication. This signal is valid only in
the forward direction.
During ECP Mode the peripheral is permitted
(but not required) to drive this pin low to request a reverse transfer. The
request is merely a "hint" to the host; the host has ultimate control over
the transfer direction. This signal would be typically used to generate
an interrupt to the host CPU.
nInit
O
Sets the transfer direction (asserted = reverse, deasserted = forward).
This pin is driven low to place the channel in the reverse direction. The
peripheral is only allowed to drive the bi-directional data bus while in
ECP Mode and HostAck is low and nSelectIn is high.
nSelectIn
O
Always deasserted in ECP mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com