Electronic Components Datasheet Search
  English  ▼

X  

FDC37M604 Datasheet(PDF) 64 Page - SMSC Corporation

Part # FDC37M604
Description  ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37M604 Datasheet(HTML) 64 Page - SMSC Corporation

Back Button FDC37M604 Datasheet HTML 60Page - SMSC Corporation FDC37M604 Datasheet HTML 61Page - SMSC Corporation FDC37M604 Datasheet HTML 62Page - SMSC Corporation FDC37M604 Datasheet HTML 63Page - SMSC Corporation FDC37M604 Datasheet HTML 64Page - SMSC Corporation FDC37M604 Datasheet HTML 65Page - SMSC Corporation FDC37M604 Datasheet HTML 66Page - SMSC Corporation FDC37M604 Datasheet HTML 67Page - SMSC Corporation FDC37M604 Datasheet HTML 68Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 182 page
background image
64
and is not needed for normal operation. Once
the Perpendicular Mode command is invoked,
FDC software behavior from the user standpoint
is unchanged.
The perpendicular mode command is enhanced
to
allow
specific
drives
to
be
designated
Perpendicular
recording
drives.
This
enhancement allows data transfers between
Conventional and Perpendicular drives without
having to issue Perpendicular mode commnds
between the accesses of the different drive
types,
nor
having
to
change
write
pre-
compensation values.
When both GAP and WGATE bits of the
PERPENDICULAR MODE COMMAND are both
programmed to "0" (Conventional mode), then
D0, D1, D2, D3, and D4 can be programmed
independently to "1" for that drive to be set
automatically to Perpendicular mode.
In this
mode the following set of conditions also apply:
1. The GAP2 written to a perpendicular drive
during a write operation will depend upon the
programmed data rate.
2. The write pre-compensation given to a
perpendicular mode drive will be 0ns.
3. For
D0-D3
programmed
to
"0"
for
conventional mode drives any data written
will be at the currently programmed write
pre-compensation.
Note: Bits D0-D3 can only be overwritten when
OW is programmed as a "1".If either
GAP or WGATE is a "1" then D0-D3 are
ignored.
Software
and
hardware
resets
have
the
following
effect
on
the
PERPENDICULAR
MODE COMMAND:
1. "Software" resets (via the DOR or DSR
registers) will only clear GAP and WGATE
bits to "0". D0-D3 are unaffected and retain
their previous value.
2. "Hardware"
resets
will
clear
all bits
(GAP, WGATE and D0-D3) to "0", i.e all
conventional mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com