Electronic Components Datasheet Search
  English  ▼

X  

FDC37M604 Datasheet(PDF) 89 Page - SMSC Corporation

Part # FDC37M604
Description  ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37M604 Datasheet(HTML) 89 Page - SMSC Corporation

Back Button FDC37M604 Datasheet HTML 85Page - SMSC Corporation FDC37M604 Datasheet HTML 86Page - SMSC Corporation FDC37M604 Datasheet HTML 87Page - SMSC Corporation FDC37M604 Datasheet HTML 88Page - SMSC Corporation FDC37M604 Datasheet HTML 89Page - SMSC Corporation FDC37M604 Datasheet HTML 90Page - SMSC Corporation FDC37M604 Datasheet HTML 91Page - SMSC Corporation FDC37M604 Datasheet HTML 92Page - SMSC Corporation FDC37M604 Datasheet HTML 93Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 182 page
background image
89
EXTENDED CAPABILITIES PARALLEL PORT
ECP provides a number of advantages, some of
which are listed below. The individual features
are explained in greater detail in the remainder
of this section.
•
High performance half-duplex forward and
reverse channel
•
Interlocked handshake, for fast reliable
transfer
•
Optional single byte RLE compression for
improved throughput (64:1)
•
Channel addressing for low-cost peripherals
•
Maintains link and data layer separation
•
Permits the use of active output drivers
•
Permits the use of adaptive signal timing
•
Peer-to-peer capability
Vocabulary
The following terms are used in this document:
assert:
When a signal asserts it transitions to a
"true" state, when a signal deasserts it
transitions to a "false" state.
forward: Host to Peripheral communication.
reverse: Peripheral to Host communication
Pword: A port word; equal in size to the width
of the ISA interface. For
this
implementation, PWord is always 8
bits.
1
A high level.
0
A low level.
These terms may be considered synonymous:
•
PeriphClk, nAck
•
HostAck, nAutoFd
•
PeriphAck, Busy
•
nPeriphRequest, nFault
•
nReverseRequest, nInit
•
nAckReverse, PError
•
Xflag, Select
•
ECPMode, nSelectln
•
HostClk, nStrobe
•
Reference Document:
IEEE 1284 Extended
Capabilities Port Protocol and ISA Interface
Standard, Rev 1.14, July 14, 1993.
This
document is available from Microsoft.
The bit map of the Extended Parallel Port
registers is:
D7
D6
D5
D4
D3
D2
D1
D0
Note
data
PD7
PD6
PD5
PD4
PD3
PD2
PD1
PD0
ecpAFifo
Addr/RLE
Address or RLE field
2
dsr
nBusy
nAck
PError
Select
nFault
0
0
0
1
dcr
0
0
Direction
ackIntEn
SelectIn
nInit
autofd
strobe
1
cFifo
Parallel Port Data FIFO
2
ecpDFifo
ECP Data FIFO
2
tFifo
Test FIFO
2
cnfgA
0
0
0
1
0
0
0
0
cnfgB
compress
intrValue
Parallel Port IRQ
Parallel Port DMA
ecr
MODE
nErrIntrEn
dmaEn
serviceIntr
full
empty
Note 1: These registers are available in all modes.
Note 2: All FIFOs use one common 16 byte FIFO.
Note 3: The ECP Parallel Port Config Reg B reflects the IRQ and DRQ selected by the
Configuration Registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com