Electronic Components Datasheet Search
  English  ▼

X  

FDC37M604 Datasheet(PDF) 136 Page - SMSC Corporation

Part # FDC37M604
Description  ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37M604 Datasheet(HTML) 136 Page - SMSC Corporation

Back Button FDC37M604 Datasheet HTML 132Page - SMSC Corporation FDC37M604 Datasheet HTML 133Page - SMSC Corporation FDC37M604 Datasheet HTML 134Page - SMSC Corporation FDC37M604 Datasheet HTML 135Page - SMSC Corporation FDC37M604 Datasheet HTML 136Page - SMSC Corporation FDC37M604 Datasheet HTML 137Page - SMSC Corporation FDC37M604 Datasheet HTML 138Page - SMSC Corporation FDC37M604 Datasheet HTML 139Page - SMSC Corporation FDC37M604 Datasheet HTML 140Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 182 page
background image
136
Note A. Logical Device IRQ and DMA Operation
1.
IRQ and DMA Enable and Disable: Any time the IRQ or DACK for a logical block is disabled by a
register bit in that logical block, the IRQ and/or DACK must be disabled. This is in addition to the IRQ
and DACK disabled by the Configuration Registers (active bit or address not valid).
a.
FDC: For the following cases, the IRQ and DACK used by the FDC are disabled (high
impedance). Will not respond to the DREQ
Digital Output Register (Base+2) bit D3 (DMAEN) set to "0".
The FDC is in power down (disabled).
b.
Serial Port 1 and 2:
Modem Control Register (MCR) Bit D2 (OUT2) - When OUT2 is a logic "0", the serial port
interrupt is forced to a high impedance state - disabled.
c.
Parallel Port:
I.
SPP and EPP modes: Control Port (Base+2) bit D4 (IRQE) set to "0", IRQ is disabled (high
impedance).
ii.
ECP Mode:
(1) (DMA) dmaEn from ecr register. See table.
(2) IRQ - See table.
MODE
(FROM ECR REGISTER)
IRQ PIN
CONTROLLED BY
PDREQ PIN
CONTROLLED BY
000
PRINTER
IRQE
dmaEn
001
SPP
IRQE
dmaEn
010
FIFO
(on)
dmaEn
011
ECP
(on)
dmaEn
100
EPP
IRQE
dmaEn
101
RES
IRQE
dmaEn
110
TEST
(on)
dmaEn
111
CONFIG
IRQE
dmaEn
d.
Keyboard Controller: Refer to the KBD section of this spec.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com