Electronic Components Datasheet Search
  English  ▼

X  

LAN91C94 Datasheet(PDF) 12 Page - SMSC Corporation

Part # LAN91C94
Description  ISA/PCMCIA SINGLE CHIP ETHERNET CONTROLLER WITH RAM
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C94 Datasheet(HTML) 12 Page - SMSC Corporation

Back Button LAN91C94 Datasheet HTML 8Page - SMSC Corporation LAN91C94 Datasheet HTML 9Page - SMSC Corporation LAN91C94 Datasheet HTML 10Page - SMSC Corporation LAN91C94 Datasheet HTML 11Page - SMSC Corporation LAN91C94 Datasheet HTML 12Page - SMSC Corporation LAN91C94 Datasheet HTML 13Page - SMSC Corporation LAN91C94 Datasheet HTML 14Page - SMSC Corporation LAN91C94 Datasheet HTML 15Page - SMSC Corporation LAN91C94 Datasheet HTML 16Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 120 page
background image
12
PIN NUMBER
QFP
VTQFP/
TQFP
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
69
67
nBoard
Select Led
nBSELED/
RXD
OD16
I with
pullup
INTERNAL ENDEC - Board Select LED
activated by accesses to I/O space
(nIORD or nIOWR active with AEN low
and valid address decode for ISA, and
with nREG low and COR0 high for
PCMCIA).
The
pulse
is
stretched
beyond the access duration to make
the LED visible
EXTERNAL ENDEC - NRZ receive
data input
71
69
nReceive
Led/
nReceive
Clock
nRXLED/
nRXCLK
OD16
I with
pullup
INTERNAL ENDEC - Receive LED
output
EXTERNAL ENDEC - Receive clock
input
70
68
nLink LED
nLNKLED/
TXD
OD16
O162
INTERNAL ENDEC - Link LED output .
Note:
The output will not be driven
low during a reset
EXTERNAL ENDEC - Transmit Data
output.
3
1
Enable
EEPROM
ENEEP
I with
pullup
Input - This active high input enables
the EEPROM to be read or written by
the LAN91C94. Internally pulled up.
Must be connected to ground if no
serial EEPROM is used
93
91
nEnable 16
Bit
nEN16
I with
pullup
Input - When low the LAN91C94 is
configured for 16 bit bus operation. If
left open the LAN91C94 works in 8 bit
bus mode. 16 bit configuration can
also
be
programmed
via
serial
EEPROM, software initialization of the
CONFIGURATION
REGISTER,
and
PCMCIA configuration space



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com