Electronic Components Datasheet Search
  English  ▼

X  

LAN91C94 Datasheet(PDF) 79 Page - SMSC Corporation

Part # LAN91C94
Description  ISA/PCMCIA SINGLE CHIP ETHERNET CONTROLLER WITH RAM
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C94 Datasheet(HTML) 79 Page - SMSC Corporation

Back Button LAN91C94 Datasheet HTML 75Page - SMSC Corporation LAN91C94 Datasheet HTML 76Page - SMSC Corporation LAN91C94 Datasheet HTML 77Page - SMSC Corporation LAN91C94 Datasheet HTML 78Page - SMSC Corporation LAN91C94 Datasheet HTML 79Page - SMSC Corporation LAN91C94 Datasheet HTML 80Page - SMSC Corporation LAN91C94 Datasheet HTML 81Page - SMSC Corporation LAN91C94 Datasheet HTML 82Page - SMSC Corporation LAN91C94 Datasheet HTML 83Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 120 page
background image
79
The arbiter uses the pointer register as the CPU
provided address, and the internal DMA address
from the CSMA/CD side as the addresses to be
provided to the MMU.
The data path routed by the arbiter goes
between memory (the data path does not go
through the MMU) on one side and either the
CPU side bus or the data path of the CSMA/CD
core.
The data path between memory and the Data
Register is in fact buffered by a small FIFO in
each direction.
The FIFOs beneath the Data
Register can be read and written as bytes or
words, in any sequential combination.
The
presence of these FIFOs makes sure that word
transfers are possible on the system bus even if
the address loaded into the pointer is odd.
BUS INTERFACE
The bus interface handles the data, address and
control interfaces as a superset of the ISA and
PCMCIA specifications and allows 8 or 16 bit
adapters to be designed with the LAN91C94
with no glue to interface the ISA or PCMCIA
bus.
The functions done in this block are address
decoding for I/O and ROM memory (including
address relocation support) for ISA, data path
routing, sequential memory address support,
optional
wait
state
generation,
boot
ROM
support,
EEPROM
setup
function,
bus
transceiver
control,
and
interrupt
generation/selection.
For ISA, I/O address decoding is done by
comparing A15-A4 to the I/O BASE address
determined in part by the upper byte of the
BASE
ADDRESS
REGISTER,
and
also
requiring that AEN be low. If the above address
comparison is satisfied and the LAN91C94 is in
16 bit mode, nIOCS16 will be asserted (low).
A valid comparison does not yet indicate a valid
I/O cycle is in progress, as the addresses could
be used for a memory cycle, or could even
glitch through a valid value. Only when nIORD
or nIOWR are activated the I/O cycle begins.
In PCMCIA mode, A4-A15 are ignored for I/O
decodes, which rely on the PCMCIA host,
decoding for the slot. Input A10 for ISA is used
as an output (nFWE) for PCMCIA to enable
Flash Memory Write for programming the
attribute memory. It is valid only when nWE is
0 and COR2 is 1. nA11/nFCS is used to select
the Flash Memory Chip.
WAIT STATE POLICY
The LAN91C94 can work on most system buses
without having to add wait states.
The two
parameters that determine the memory access
profile are the read access time and the cycle
time into the Data Register.
The read access time is 40ns and the cycle time
is 185ns. If any one of them does not satisfy
the application requirements, wait states should
be added.
If the access time is the problem, IOCHRDY
should be negated for all accesses to the
LAN91C94.
This
can
be
achieved
by
programming the NO WAIT ST bit in the
configuration register to 0. The LAN91C94 will
negate IOCHRDY for 100ns to 150ns on every
access to any register.
If the cycle time is the problem, programming
NO WAIT ST as described before will solve it
but
at
the
expense
of
slowing
down
all
accesses.
The
alternative
is
to
let
the
LAN91C94 negate IOCHRDY only when the
Data Register FIFOs require so. Namely, if NO
WAIT ST is set, IOCHRDY will only be negated
if a Data Register read cycle starts and there is
less than a full word in the read FIFO, or if a
write cycle starts and there is more than two
bytes in the write FIFO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com