Electronic Components Datasheet Search
  English  ▼

X  

LAN91C94 Datasheet(PDF) 40 Page - SMSC Corporation

Part # LAN91C94
Description  ISA/PCMCIA SINGLE CHIP ETHERNET CONTROLLER WITH RAM
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C94 Datasheet(HTML) 40 Page - SMSC Corporation

Back Button LAN91C94 Datasheet HTML 36Page - SMSC Corporation LAN91C94 Datasheet HTML 37Page - SMSC Corporation LAN91C94 Datasheet HTML 38Page - SMSC Corporation LAN91C94 Datasheet HTML 39Page - SMSC Corporation LAN91C94 Datasheet HTML 40Page - SMSC Corporation LAN91C94 Datasheet HTML 41Page - SMSC Corporation LAN91C94 Datasheet HTML 42Page - SMSC Corporation LAN91C94 Datasheet HTML 43Page - SMSC Corporation LAN91C94 Datasheet HTML 44Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 120 page
background image
40
I/O SPACE - BANK0
OFFSET
4
NAME
RECEIVE CONTROL REGISTER
TYPE
READ/WRITE
SYMBOL
RCR
HIGH BYTE
SOFT RST
FILT_CAR
0
0
0
0
STRIP CRC
RXEN
0
0
0
0
0
0
0
0
LOW BYTE
ALMUL
PRMS
RX_
ABORT
0
0
0
0
0
0
0
0
SOFT_RST - Software activated Reset. Active
high. Valid for ISA and PCMCIA. Initiated by
writing this bit high and terminated by writing the
bit
low.
LAN91C94
configuration
is
not
preserved, except for Configuration, Base, IA0-
5, COR, and CSR Registers. EEPROM is not
reloaded after software reset.
FILT_CAR - Filter Carrier. When set filters
leading edge of carrier sense for 12 bit times.
Otherwise recognizes a receive frame as soon
as carrier sense is active.
STRIP_CRC - When set it strips the CRC on
received frames. When clear the CRC is stored
in memory following the packet. Defaults low.
RXEN - Enables the receiver when set. If
cleared, completes receiving current frame and
then goes idle. Defaults low on reset.
ALMUL - When set accepts all multicast frames
(frames in which the first bit of DA is '1'). When
clear accepts only the multicast frames that
match the multicast table setting. Defaults low.
PRMS - Promiscuous mode. When set receives
all
frames,
regardless
of
their
destination
address. Does not receive its own transmission
unless FDUPX = 1.
RX_ABORT - This bit is set if a receive frame
was aborted due to length longer than 1532
bytes. The frame will not be received. The bit is
cleared by RESET or by the CPU writing it low.
RX_ABORT
RX_OVRN_ INT
Packet Too Long
Run out of Memory
During Receive
1
1
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com