Electronic Components Datasheet Search
  English  ▼

X  

LAN91C94 Datasheet(PDF) 74 Page - SMSC Corporation

Part # LAN91C94
Description  ISA/PCMCIA SINGLE CHIP ETHERNET CONTROLLER WITH RAM
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C94 Datasheet(HTML) 74 Page - SMSC Corporation

Back Button LAN91C94 Datasheet HTML 70Page - SMSC Corporation LAN91C94 Datasheet HTML 71Page - SMSC Corporation LAN91C94 Datasheet HTML 72Page - SMSC Corporation LAN91C94 Datasheet HTML 73Page - SMSC Corporation LAN91C94 Datasheet HTML 74Page - SMSC Corporation LAN91C94 Datasheet HTML 75Page - SMSC Corporation LAN91C94 Datasheet HTML 76Page - SMSC Corporation LAN91C94 Datasheet HTML 77Page - SMSC Corporation LAN91C94 Datasheet HTML 78Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 120 page
background image
74
MEMORY PARTITIONING
Unlike other controllers, the LAN91C94 does not
require a fixed memory partitioning between
transmit and receive resources.
The MMU
allocates
and
de-allocates
memory
upon
different events.
An additional mechanism
allows the CPU to prevent the receive process
from starving the transmit memory allocation.
Memory is always requested by the side that
needs to write into it, that is: the CPU for
transmit or the CSMA/CD for receive. The CPU
can control the number of bytes it requests for
transmit but it cannot determine the number of
bytes the receive process is going to demand.
Furthermore, the receive process requests will
be dependent on network traffic, in particular on
the arrival of broadcast and multicast packets
that might not be for the node, and that are not
subject to upper layer software flow control.
In order to prevent unwanted traffic from using
too much memory, the CPU can program a
"memory reserved for transmit" parameter.
If
the free memory falls below the "memory
reserved for transmit" value, MMU requests
from the CSMA/CD block will fail and the
packets will overrun and be ignored. Whenever
enough memory is released, packets can be
received again.
If the reserved value is too
large, the node might lose data which is an
abnormal condition. If the value is kept at zero,
memory allocation is handled on first-come first-
served basis for the entire memory capacity.
Note that with the memory management built
into the LAN91C94, the CPU can dynamically
program this parameter. For instance, when the
driver does not need to enqueue transmissions,
it can allow more memory to be allocated for
receive (by reducing the value of the reserved
memory). Whenever the driver needs to burst
transmissions it can reduce the receive memory
allocation. The driver program the parameter as
a function of the following variables:
1)
Free memory (read only register)
2)
Memory size (read only register)
The reserved memory value can be changed on
the fly. If the MEMORY RESERVED FOR TX
value is increased above the FREE MEMORY,
receive packets in progress are still received,
but no new packets are accepted until the FREE
MEMORY
increases
above
the
MEMORY
RESERVED value.
INTERRUPT GENERATION
The interrupt strategy for the transmit and
receive processes is such that it does not
represent the bottleneck in the transmit and
receive
queue
management
between
the
software driver and the controller.
For that
purpose there is no register reading necessary
before the next element in the queue (namely
transmit or receive packet) can be handled by
the controller. The transmit and receive results
are placed in memory.
The receive interrupt will be generated when the
receive queue (FIFO of packets) is not empty
and receive interrupts are enabled. This allows
the interrupt service routine to process many
receive packets without exiting, or one at a time
if the ISR just returns after processing and
removing one.
There are two types of transmit interrupt
strategies:
1)
One interrupt per packet.
2)
One interrupt per sequence of packets.
The strategy is determined by how the transmit
interrupt bits and the AUTO RELEASE bit are
used.
TX INT bit - Set whenever the TX completion
FIFO is not empty.
TX EMPTY INT bit - Set whenever the TX FIFO
is empty.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com