Electronic Components Datasheet Search
  English  ▼

X  

LAN91C94 Datasheet(PDF) 63 Page - SMSC Corporation

Part # LAN91C94
Description  ISA/PCMCIA SINGLE CHIP ETHERNET CONTROLLER WITH RAM
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C94 Datasheet(HTML) 63 Page - SMSC Corporation

Back Button LAN91C94 Datasheet HTML 59Page - SMSC Corporation LAN91C94 Datasheet HTML 60Page - SMSC Corporation LAN91C94 Datasheet HTML 61Page - SMSC Corporation LAN91C94 Datasheet HTML 62Page - SMSC Corporation LAN91C94 Datasheet HTML 63Page - SMSC Corporation LAN91C94 Datasheet HTML 64Page - SMSC Corporation LAN91C94 Datasheet HTML 65Page - SMSC Corporation LAN91C94 Datasheet HTML 66Page - SMSC Corporation LAN91C94 Datasheet HTML 67Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 120 page
background image
63
I/O SPACE - BANK3
OFFSET
8
NAME
MANAGEMENT INTERFACE
TYPE
READ/WRITE
SYMBOL
MGMT
This register contains status bits and control bits for management of different transceivers modules.
Some of the pins are shared with the serial EEPROM interface. Management is software controlled,
and does not use the serial EEPROM and the transceiver management functions at the same time.
HIGH
BYTE
nXNDEC
IOS2
IOS1
IOS0
0
0
1
1
LOW
BYTE
MDOE
MCLK
Reserved
MD0
0
0
1
1
0
0
0
0
nXNDEC - Read only bit reflecting the status of
the nXENDEC pin.
IOS0-2 - Read only bits reflecting the status of
the IOS0-2 pins.
MDO - The value of this bit drives the EEDO pin
when MDOE=1.
MDCLK - The value of this bit drives the EESK
pin when MDOE=1.
MDOE - When this bit is high pins EEDO EECS
and
EESK
will
be
used
for
transceiver
management
functions,
otherwise
the
pins
assume the EEPROM values.
MDOE=0
MDOE=1
EEDO
Serial EEPROM Data Out
Bit MDO
EESK
Serial EEPROM Clock
Bit MCLK
EECS
Serial EEPROM Chip Select
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com