Electronic Components Datasheet Search
  English  ▼

X  

LAN91C94 Datasheet(PDF) 87 Page - SMSC Corporation

Part # LAN91C94
Description  ISA/PCMCIA SINGLE CHIP ETHERNET CONTROLLER WITH RAM
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C94 Datasheet(HTML) 87 Page - SMSC Corporation

Back Button LAN91C94 Datasheet HTML 83Page - SMSC Corporation LAN91C94 Datasheet HTML 84Page - SMSC Corporation LAN91C94 Datasheet HTML 85Page - SMSC Corporation LAN91C94 Datasheet HTML 86Page - SMSC Corporation LAN91C94 Datasheet HTML 87Page - SMSC Corporation LAN91C94 Datasheet HTML 88Page - SMSC Corporation LAN91C94 Datasheet HTML 89Page - SMSC Corporation LAN91C94 Datasheet HTML 90Page - SMSC Corporation LAN91C94 Datasheet HTML 91Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 120 page
background image
87
BOARD SETUP INFORMATION
The following parameters are obtained from the
EEPROM as board setup information:
ETHERNET INDIVIDUAL ADDRESS
I/O BASE ADDRESS
ROM BASE ADDRESS
8/16 BIT ADAPTER
10BASE-T or AUI INTERFACE
INTERRUPT LINE SELECTION
All the above mentioned values are read from
the EEPROM upon hardware reset. Except for
the INDIVIDUAL ADDRESS, the value of the
IOS switches determines the offset within the
EEPROM for these parameters, in such a way
that many identical boards can be plugged into
the same system by just changing the IOS
jumpers.
In order to support a software utility based
installation, even if the EEPROM was never
programmed, the EEPROM can be written using
the LAN91C94. One of the IOS combination is
associated with a fixed default value for the key
parameters
(I/O
BASE,
ROM
BASE,
INTERRUPT)
that
can
always
be
used
regardless of the EEPROM based value being
programmed. This value will be used if all IOS
pins are left open or pulled high.
The EEPROM is arranged as a 64 x 16 array.
The specific target device is the 9346 1024-bit
Serial EEPROM.
All EEPROM accesses are
done in words. All EEPROM addresses shown
are specified as word addresses.
INDIVIDUAL ADDRESS
20-22 hex
If IOS2-0 = 7 , only the INDIVIDUAL ADDRESS
is read from the EEPROM. Currently assigned
values are assumed for the other registers.
These values are default if the EEPROM read
operation follows hardware reset.
The EEPROM SELECT bit is used to determine
the type of EEPROM operation: a) normal or b)
general purpose register.
a)
NORMAL
EEPROM
OPERATION
-
EEPROM SELECT bit = 0
On EEPROM read operations (after reset or
after
setting
RELOAD
high)
the
CONFIGURATION
REGISTER
and
BASE
REGISTER are updated with the EEPROM
values at locations defined by the IOS2-0 pins.
The
INDIVIDUAL
ADDRESS
registers
are
updated
with
the
values
stored
in
the
INDIVIDUAL ADDRESS area of the EEPROM.
REGISTER
EEPROM WORD
ADDRESS
Configuration
Register
Base Register
IOS Value * 4
(IOS Value *4) + 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com