Electronic Components Datasheet Search
  English  ▼

X  

LAN91C94 Datasheet(PDF) 1 Page - SMSC Corporation

Part # LAN91C94
Description  ISA/PCMCIA SINGLE CHIP ETHERNET CONTROLLER WITH RAM
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C94 Datasheet(HTML) 1 Page - SMSC Corporation

  LAN91C94 Datasheet HTML 1Page - SMSC Corporation LAN91C94 Datasheet HTML 2Page - SMSC Corporation LAN91C94 Datasheet HTML 3Page - SMSC Corporation LAN91C94 Datasheet HTML 4Page - SMSC Corporation LAN91C94 Datasheet HTML 5Page - SMSC Corporation LAN91C94 Datasheet HTML 6Page - SMSC Corporation LAN91C94 Datasheet HTML 7Page - SMSC Corporation LAN91C94 Datasheet HTML 8Page - SMSC Corporation LAN91C94 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 120 page
background image
LAN91C94
PRELIMINARY
ISA/PCMCIA
Single-Chip Ethernet Controller with RAM
FEATURES
•
ISA/PCMCIA Single-Chip Ethernet
Controller
•
4608 Bytes of On-Chip RAM
•
Supports IEEE 802.3 (ANSI 8802-3)
Ethernet Standards
•
Simultasking
TM
- Early Transmit and Early
Receive Functions
•
Hardware Memory Management Unit
•
Optional Configuration via Serial EEPROM
Interface (Jumperless)
•
Single +5V Power Supply
•
Low Power CMOS Design
•
100 Pin QFP, TQFP and VTQFP Package
Bus Interface
•
Direct Interface to ISA and PCMCIA with No
Wait States
•
Flexible Bus Interface
•
16-Bit Data and Control Paths
•
Fast Access Time (40 ns)
•
Pipelined Data Path
•
Handles Block Word Transfers for Any
Alignment
•
High Performance Chained ("Back-to-
Back") Transmit and Receive
•
Pin Compatible with LAN91C92 (in ISA
mode)
•
Flat Memory Structure for Low CPU
Overhead
•
Dynamic Memory Allocation Between
Transmit and Receive
•
Buffered Architecture, Insensitive to Bus
Latencies (No Overruns/Underruns)
•
Supports Boot PROM for Diskless ISA
Applications
Network Interface
•
Integrates 10BASE-T Transceiver
Functions:
-
Driver and Receiver
-
Link Integrity Test
-
Receive Polarity Detection and
Correction
•
Integrates AUI Interface
•
Implements 10 Mbps Manchester
Encoding/Decoding and Clock Recovery
•
Automatic Retransmission, Bad Packet
Rejection, and Transmit Padding
•
External and Internal Loopback Modes
•
Four Direct Driven LEDs for Status/
Diagnostics
Software Drivers
•
Uses Certified LAN9000 Drivers Which
Operate with Every Major Network
Operating System
•
Software Driver Compatible with LAN91C92
and LAN91C100 (100 Mbps) Controllers in
ISA Mode
•
Software Driver Utilizes Full Capability of 32
Bit Microprocessor
Simultasking is a trademark and SMSC is a registered trademark of Standard Microsystems Corporation


Similar Part No. - LAN91C94

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
LAN91C91 PULSE-LAN91C91 Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
SMSC Corporation
LAN91C95 SMSC-LAN91C95 Datasheet
502Kb / 144P
ISA/PCMCIA Full Duplex Single-Chip Ethernet and Modem Controller with RAM
LAN91C96 SMSC-LAN91C96 Datasheet
775Kb / 125P
Non-PCI Single-Chip Full Duplex Ethernet Controller with Magic Packet
LAN91C96 SMSC-LAN91C96 Datasheet
631Kb / 125P
Non-PCI Single-Chip Full Duplex Ethernet Controller with Magic Packet
logo
Pulse A Technitrol Comp...
LAN91C96 PULSE-LAN91C96 Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
More results

Similar Description - LAN91C94

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM79C960 AMD-AM79C960 Datasheet
814Kb / 127P
PCnetTM-ISA Single-Chip Ethernet Controller
AM79C961A AMD-AM79C961A Datasheet
1Mb / 85P
PCnet ??ISA II Jumperless, Full Duplex Single-Chip Ethernet Controller for ISA
logo
Intel Corporation
82595TX INTEL-82595TX Datasheet
709Kb / 59P
ISA/PCMCIA HIGH INTEGRATION ETHERNET CONTROLLER
logo
Cirrus Logic
CS8900A CIRRUS-CS8900A Datasheet
1Mb / 128P
Crystal LAN ??ISA Ethernet Controller
logo
List of Unclassifed Man...
TC3299CE ETC-TC3299CE Datasheet
315Kb / 25P
LOW POWER ETHERNET PCMCIA CONTROLLER
TC5299J ETC1-TC5299J Datasheet
340Kb / 32P
FAST ETHERNET PCMCIA LAN CONTROLLER
SMC91C95 ETC1-SMC91C95 Datasheet
530Kb / 139P
ISA/PCMCIA Full Duplex Single-Chip Ethernet and Modem Controller with RAM
logo
SMSC Corporation
LAN91C95 SMSC-LAN91C95 Datasheet
502Kb / 144P
ISA/PCMCIA Full Duplex Single-Chip Ethernet and Modem Controller with RAM
logo
Advanced Micro Devices
AM79C961A AMD-AM79C961A_00 Datasheet
2Mb / 206P
PCnet??ISA II Jumperless, Full Duplex Single-Chip Ethernet Controller for ISA
AM79C961 AMD-AM79C961 Datasheet
1Mb / 173P
PCnetTM-ISA Jumperless Single-Chip Ethernet Controller for ISA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com