Electronic Components Datasheet Search
  English  ▼

X  

LAN91C94 Datasheet(PDF) 86 Page - SMSC Corporation

Part # LAN91C94
Description  ISA/PCMCIA SINGLE CHIP ETHERNET CONTROLLER WITH RAM
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C94 Datasheet(HTML) 86 Page - SMSC Corporation

Back Button LAN91C94 Datasheet HTML 82Page - SMSC Corporation LAN91C94 Datasheet HTML 83Page - SMSC Corporation LAN91C94 Datasheet HTML 84Page - SMSC Corporation LAN91C94 Datasheet HTML 85Page - SMSC Corporation LAN91C94 Datasheet HTML 86Page - SMSC Corporation LAN91C94 Datasheet HTML 87Page - SMSC Corporation LAN91C94 Datasheet HTML 88Page - SMSC Corporation LAN91C94 Datasheet HTML 89Page - SMSC Corporation LAN91C94 Datasheet HTML 90Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 120 page
background image
86
Reverse Polarity Function
In the 10BASE-T mode, the PHY monitors for
receiver polarity reversal due to crossed wires
and corrects by reversing the signal internally.
Collision Detection Function
In the 10BASE-T mode, a collision state is
indicated
when
there
are
simultaneous
transmissions and receptions on the twisted pair
link. During a collision state, the nCOLL signal
is asserted. If the received data ends and the
transmit control signal is still active, the transmit
data is sent to the MAC within 9 bit times. The
nCOLL signal is de-asserted within 9 bit times
after
the
collision
terminates.
In
the AUI mode, the external transceiver sends a
10MHz signal to the PHY upon detection of a
collision.
Link Integrity
The PHY test for a faulty twisted-pair link. In the
absence of transmit data, link test pulses are
transmitted every 16+/-18ms after the end of the
last transmission or link pulse on the twisted
pair medium. If neither valid data nor link test
pulses are received within 10 to 150ms, the link
is declared bad and both data transmission as
well as the operational loopback function are
disabled.
The Link Integrity function can be
disabled
for
pre-10BASE-T
twisted-pair
networks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com