Electronic Components Datasheet Search
  English  ▼

X  

LAN91C94 Datasheet(PDF) 9 Page - SMSC Corporation

Part # LAN91C94
Description  ISA/PCMCIA SINGLE CHIP ETHERNET CONTROLLER WITH RAM
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C94 Datasheet(HTML) 9 Page - SMSC Corporation

Back Button LAN91C94 Datasheet HTML 5Page - SMSC Corporation LAN91C94 Datasheet HTML 6Page - SMSC Corporation LAN91C94 Datasheet HTML 7Page - SMSC Corporation LAN91C94 Datasheet HTML 8Page - SMSC Corporation LAN91C94 Datasheet HTML 9Page - SMSC Corporation LAN91C94 Datasheet HTML 10Page - SMSC Corporation LAN91C94 Datasheet HTML 11Page - SMSC Corporation LAN91C94 Datasheet HTML 12Page - SMSC Corporation LAN91C94 Datasheet HTML 13Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 120 page
background image
9
PIN NUMBER
QFP
VTQFP/
TQFP
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
41
39
A11/nFCS
I
O4
ISA - Input - Input address line 11
PCMCIA - Output - Flash Memory Chip
Select
used
to
access
attribute
memory. Is active (low) when nREG=0,
nCE1=0 and A15=0
42-48
40-46
Address
A12-18
I
Input - Input address lines 12 through
18
49
47
A19/nCE1
I with
pullup
ISA - Input - Input address line 19
PCMCIA - Card Enable 1 input. Used
to select card on even byte accesses
54
52
Address
Enable
AEN/nREG
I with
pullup
ISA - Address enable input. Used as
an address qualifier. Address decoding
is enabled only when AEN is low
PCMCIA - Attribute memory and IO
select input. Asserted when the card
attribute space or IO space is being
accessed
26
24
nByte High
nSBHE/
nCE2
I with
pullup
ISA - Byte High Enable input. Asserted
(low) by the system to indicate a data
transfer on the upper data byte
PCMCIA - Card Enable 2 input. To
select card on odd byte accesses
55
53
Ready
IOCHRDY/
nWAIT
OD24 with
pullup
ISA - Output - Optionally used by the
LAN91C94 to extend host cycles
PCMCIA - Output - Optionally used by
the LAN91C94 to extend host cycles
57-60
62-65
9-12
14-17
55-58
60-63
7-10
12-15
Data Bus
D0-15
I/O24
Bidirectional - 16 bit data bus to
access
the
LAN91C94
internal
registers. The data bus has weak
internal
pullups.
Supports
direct
connection to the system bus without
external buffering



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com