Electronic Components Datasheet Search
  English  ▼

X  

MAX1177CCUP Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1177CCUP
Description  16-Bit, 135ksps, Single-Supply ADC with 0 to 10V Input Range
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1177CCUP Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1177CCUP Datasheet HTML 4Page - Maxim Integrated Products MAX1177CCUP Datasheet HTML 5Page - Maxim Integrated Products MAX1177CCUP Datasheet HTML 6Page - Maxim Integrated Products MAX1177CCUP Datasheet HTML 7Page - Maxim Integrated Products MAX1177CCUP Datasheet HTML 8Page - Maxim Integrated Products MAX1177CCUP Datasheet HTML 9Page - Maxim Integrated Products MAX1177CCUP Datasheet HTML 10Page - Maxim Integrated Products MAX1177CCUP Datasheet HTML 11Page - Maxim Integrated Products MAX1177CCUP Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Power-Down Modes
Select standby mode or shutdown mode with the R/C
bit during the second falling edge of CS (see the
Selecting Standby or Shutdown Mode section). The
MAX1177 automatically enters either standby mode
(reference and buffer on) or shutdown (reference and
buffer off) after each conversion, depending on the sta-
tus of R/C during the second falling edge of CS.
Internal Clock
The MAX1177 generates an internal conversion clock to
free the µP from the burden of running the SAR conver-
sion clock. Total conversion time (tCONV) after entering
hold mode (second falling edge of CS) to end-of-con-
version (EOC) falling is 4.7µs (max).
Applications Information
Starting a Conversion
CS and R/C control acquisition and conversion in the
MAX1177 (Figure 2). The first falling edge of CS powers
up the device and puts it in acquire mode if R/C is low.
The convert start is ignored if R/C is high. The device
needs at least 12ms for the internal reference to wake
up and settle before starting the conversion (CREFADJ
= 0.1µF, CREF = 10µF), if powering up from shutdown.
Selecting Standby or Shutdown Mode
The MAX1177 has a selectable standby or low-power
shutdown mode. In standby mode, the ADC’s internal
reference and reference buffer do not power down
between conversions, eliminating the need to wait for
the reference to power up before performing the next
conversion. Shutdown mode powers down the refer-
ence and reference buffer after completing a conver-
sion. The reference and reference buffer require a
minimum of 12ms to power up and settle from shut-
down (CREFADJ = 0.1µF, CREF = 10µF).
The state of R/C at the second falling edge of CS
selects which power-down mode the MAX1177 enters
upon conversion completion. Holding R/C low causes
the device to enter standby mode. The reference and
buffer are left on after the conversion completes. R/C
high causes the MAX1177 to enter shutdown mode and
power-down the reference and buffer after conversion
(Figures 5 and 6). Set the voltage at R/C high during
the second falling edge of CS to realize the lowest cur-
rent operation.
16-Bit, 135ksps, Single-Supply ADC
with to 10V Input Range
8
_______________________________________________________________________________________
S1, S2 = T/H SWITCH
R2 = 3.92k
Ω
R3 = 17.79k
Ω
S2
S1
AIN
R1
3.4k
Ω
R3
17.79k
Ω
R2
3.92k
Ω
T/H OUT
HOLD
HOLD
TRACK
TRACK
CHOLD
30pF
161
Ω
MAX1177
Figure 4. Equivalent Input Circuit
D0–D7
OR
D8–D15
µP DATA
BUS
AVDD
DVDD
AGND DGND
+5V ANALOG
+5V DIGITAL
ANALOG INPUT
AIN
HBEN
EOC
CS
R/C
REF
REFADJ
HIGH
BYTE
LOW
BYTE
10
µF
0.1
µF
0.1
µF
0.1
µF
MAX1177
Figure 3. Typical Operating Circuit for the MAX1177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com