Electronic Components Datasheet Search
  English  ▼

X  

MAX1177CCUP Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1177CCUP
Description  16-Bit, 135ksps, Single-Supply ADC with 0 to 10V Input Range
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1177CCUP Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1177CCUP Datasheet HTML 1Page - Maxim Integrated Products MAX1177CCUP Datasheet HTML 2Page - Maxim Integrated Products MAX1177CCUP Datasheet HTML 3Page - Maxim Integrated Products MAX1177CCUP Datasheet HTML 4Page - Maxim Integrated Products MAX1177CCUP Datasheet HTML 5Page - Maxim Integrated Products MAX1177CCUP Datasheet HTML 6Page - Maxim Integrated Products MAX1177CCUP Datasheet HTML 7Page - Maxim Integrated Products MAX1177CCUP Datasheet HTML 8Page - Maxim Integrated Products MAX1177CCUP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
General Description
The MAX1177 is a 16-bit, low-power, successive-
approximation analog-to-digital converter (ADC) featur-
ing automatic power-down, a factory-trimmed internal
clock, and a byte-wide parallel interface. The device
operates from a single +4.75V to +5.25V analog supply
and features a separate digital supply input for direct
interface with +2.7V to +5.25V digital logic.
The MAX1177 accepts an analog input voltage range
from 0 to +10V. It consumes no more than 26.5mW at a
sampling rate of 135ksps when using an external refer-
ence, and 31mW when using the internal +4.096V refer-
ence. AutoShutdown™ reduces supply current to
0.4mA at 10ksps.
The MAX1177 is ideal for high-performance, battery-
powered, data-acquisition applications. Excellent AC
performance (THD = -100dB) and DC accuracy (±3
LSB INL) make this device ideal for industrial process
control, instrumentation, and medical applications.
The MAX1177 is available in a 20-pin TSSOP package
and is fully specified over the -40°C to +85°C extended
temperature range and the 0°C to +70°C commercial
temperature range.
Applications
Temperature Sensing and Monitoring
Industrial Process Control
I/O Modules
Data-Acquisition Systems
Precision Instrumentation
Features
o Byte-Wide Parallel Interface
o Analog Input Voltage Range: 0 to +10V
o Single +4.75V to +5.25V Analog Supply Voltage
o Interfaces with +2.7V to +5.25V Digital Logic
o ±3 LSB INL
o ±1 LSB DNL
o Low Supply Current (max)
2.9mA (External Reference)
3.8mA (Internal Reference)
5µA AutoShutdown Mode
o Small Footprint
o 20-Pin TSSOP Package
16-Bit, 135ksps, Single-Supply ADC
with 0 to 10V Input Range
________________________________________________________________ Maxim Integrated Products
1
D0–D7
OR
D8–D15
µP DATA
BUS
AVDD
DVDD
AGND DGND
+5V ANALOG
+5V DIGITAL
ANALOG INPUT
AIN
HBEN
EOC
CS
R/C
REF
REFADJ
HIGH
BYTE
LOW
BYTE
10
µF
0.1
µF
0.1
µF0.1µF
MAX1177
Typical Operating Circuit
19-2597; Rev 0; 8/03
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
AutoShutdown is a trademark of Maxim Integrated Products, Inc.
Ordering Information
PART
TEMP RANGE
PIN-PACKAGE
MAX1177ACUP
0
°C to +70°C
20 TSSOP
MAX1177BCUP
0
°C to +70°C
20 TSSOP
MAX1177CCUP
0
°C to +70°C
20 TSSOP
MAX1177AEUP
-40
°C to +85°C
20 TSSOP
MAX1177BEUP
-40
°C to +85°C
20 TSSOP
MAX1177CEUP
-40
°C to +85°C
20 TSSOP
Pin Configuration and Functional Diagram appear at end of
data sheet.


Similar Part No. - MAX1177CCUP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX117 MAXIM-MAX117 Datasheet
94Kb / 8P
Fully Assembled and Tested
Rev 0; 7/96
MAX1170 MAXIM-MAX1170 Datasheet
83Kb / 12P
12-Bit, 10Msps, TTL-Output ADC
19-1132; Rev 0; 10/96
MAX1170CBH MAXIM-MAX1170CBH Datasheet
83Kb / 12P
12-Bit, 10Msps, TTL-Output ADC
19-1132; Rev 0; 10/96
MAX1170CDJ MAXIM-MAX1170CDJ Datasheet
83Kb / 12P
12-Bit, 10Msps, TTL-Output ADC
19-1132; Rev 0; 10/96
MAX1171 MAXIM-MAX1171 Datasheet
87Kb / 12P
12-Bit, 20Msps, TTL-Output ADC
19-1133; Rev 0; 10/96
More results

Similar Description - MAX1177CCUP

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1606 LINER-LTC1606 Datasheet
169Kb / 12P
16-Bit, 250ksps, Single Supply ADC
logo
Maxim Integrated Produc...
MAX1156 MAXIM-MAX1156 Datasheet
298Kb / 15P
14-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
19-2736; Rev 0; 1/03
MAX1179 MAXIM-MAX1179 Datasheet
329Kb / 15P
16-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
19-2675; Rev 1; 1/03
MAX1178 MAXIM-MAX1178 Datasheet
330Kb / 14P
16-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
Rev 1; 8/03
MAX1157 MAXIM-MAX1157 Datasheet
301Kb / 15P
14-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
Rev 1; 1/03
MAX1188AEUP MAXIM-MAX1188AEUP Datasheet
336Kb / 14P
16-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
Rev 1; 8/03
logo
Analog Devices
AD1870 AD-AD1870_15 Datasheet
282Kb / 20P
Single-Supply 16-Bit Stereo ADC
REV. A
AD1877 AD-AD1877_15 Datasheet
240Kb / 20P
Single-Supply 16-Bit Stereo ADC
REV. A
logo
Linear Technology
LTC1606 LINER-LTC1606_15 Datasheet
205Kb / 16P
16-Bit, 250ksps, Single Supply ADC
logo
Hotchip Technology Co.,...
HT3402S HOTCHIP-HT3402S Datasheet
1Mb / 11P
Wide Input Supply Range: 10V to 40V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com