Electronic Components Datasheet Search
  English  ▼

X  

MAX1177CCUP Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX1177CCUP
Description  16-Bit, 135ksps, Single-Supply ADC with 0 to 10V Input Range
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1177CCUP Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX1177CCUP Datasheet HTML 5Page - Maxim Integrated Products MAX1177CCUP Datasheet HTML 6Page - Maxim Integrated Products MAX1177CCUP Datasheet HTML 7Page - Maxim Integrated Products MAX1177CCUP Datasheet HTML 8Page - Maxim Integrated Products MAX1177CCUP Datasheet HTML 9Page - Maxim Integrated Products MAX1177CCUP Datasheet HTML 10Page - Maxim Integrated Products MAX1177CCUP Datasheet HTML 11Page - Maxim Integrated Products MAX1177CCUP Datasheet HTML 12Page - Maxim Integrated Products MAX1177CCUP Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
12
______________________________________________________________________________________
16-Bit, 135ksps, Single-Supply ADC
with to 10V Input Range
REFERENCE
REF
AIN
REFADJ
HBEN
AVDD AGND
DGND
DVDD
AGND
R/C
5k
Ω
CS
INPUT
SCALER
CLOCK
EOC
SUCCESSIVE-
APPROXIMATION
REGISTER AND
CONTROL LOGIC
MAX1177
CAPACITIVE
DAC
OUTPUT
REGISTERS
D0–D7
OR
D8–D15
8 BITS
8 BITS
Functional Diagram
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
TOP VIEW
12
11
9
10
MAX1177
TSSOP
D4/D12
D5/D13
D6/D14
D7/D15
R/C
EOC
AVDD
AGND
AIN
AGND
D3/D11
D2/D10
D1/D9
D0/D8
DVDD
DGND
CS
HBEN
REF
REFADJ
Pin Configuration
Chip Information
TRANSISTOR COUNT: 15,383
PROCESS: BiCMOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com