Electronic Components Datasheet Search
  English  ▼

X  

MAX1177CCUP Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1177CCUP
Description  16-Bit, 135ksps, Single-Supply ADC with 0 to 10V Input Range
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1177CCUP Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1177CCUP Datasheet HTML 2Page - Maxim Integrated Products MAX1177CCUP Datasheet HTML 3Page - Maxim Integrated Products MAX1177CCUP Datasheet HTML 4Page - Maxim Integrated Products MAX1177CCUP Datasheet HTML 5Page - Maxim Integrated Products MAX1177CCUP Datasheet HTML 6Page - Maxim Integrated Products MAX1177CCUP Datasheet HTML 7Page - Maxim Integrated Products MAX1177CCUP Datasheet HTML 8Page - Maxim Integrated Products MAX1177CCUP Datasheet HTML 9Page - Maxim Integrated Products MAX1177CCUP Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
16-Bit, 135ksps, Single-Supply ADC
with to 10V Input Range
6
_______________________________________________________________________________________
Pin Description
PIN
NAME
FUNCTION
1
D4/D12
Tri-State Digital-Data Output
2
D5/D13
Tri-State Digital-Data Output
3
D6/D14
Tri-State Digital-Data Output
4
D7/D15
Tri-State Digital-Data Output. D15 is the MSB.
5R/
C
Read/Convert Input. Power up and put the device in acquisition mode by holding R/
C low during the
first falling edge of
CS. During the second falling edge of CS, the level on R/C determines whether the
reference and reference buffer power down or remain on after conversion. Set R/
C high during the
second falling edge of
CS to power down the reference and buffer, or set R/C low to leave the
reference and buffer powered up. Set R/
C high during the third falling edge of CS to put valid data on
the bus.
6
EOC
End of Conversion.
EOC drives low when conversion is complete.
7AVDD
Analog Supply Input. Bypass with a 0.1µF capacitor to AGND.
8
AGND
Analog Ground. Primary analog ground (star ground).
9
AIN
Analog Input
10
AGND
Analog Ground. Connect pin 10 to pin 8.
11
REFADJ
Reference Buffer Output. Bypass REFADJ with a 0.1µF capacitor to AGND for internal reference
mode. Connect REFADJ to AVDD to select external reference mode.
12
REF
Reference Input/Output. Bypass REF with a 10µF capacitor to AGND for internal reference mode.
External reference input when in external reference mode.
13
HBEN
High-Byte Enable Input. Used to multiplex the 16-bit conversion result.
1: MSB available on the data bus.
0: LSB available on the data bus.
14
CS
Convert Start. The first falling edge of
CS powers up the device and enables acquire mode when R/C
is low. The second falling edge of
CS starts the conversion. The third falling edge of CS loads the
result onto the bus when R/
C is high.
15
DGND
Digital Ground
16
DVDD
Digital Supply Voltage. Bypass with a 0.1µF capacitor to DGND.
17
D0/D8
Tri-State Digital-Data Output. D0 is the LSB.
18
D1/D9
Tri-State Digital-Data Output
19
D2/D10
Tri-State Digital-Data Output
20
D3/D11
Tri-State Digital-Data Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com