Electronic Components Datasheet Search
  English  ▼

X  

MAX1177CCUP Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1177CCUP
Description  16-Bit, 135ksps, Single-Supply ADC with 0 to 10V Input Range
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1177CCUP Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1177CCUP Datasheet HTML 5Page - Maxim Integrated Products MAX1177CCUP Datasheet HTML 6Page - Maxim Integrated Products MAX1177CCUP Datasheet HTML 7Page - Maxim Integrated Products MAX1177CCUP Datasheet HTML 8Page - Maxim Integrated Products MAX1177CCUP Datasheet HTML 9Page - Maxim Integrated Products MAX1177CCUP Datasheet HTML 10Page - Maxim Integrated Products MAX1177CCUP Datasheet HTML 11Page - Maxim Integrated Products MAX1177CCUP Datasheet HTML 12Page - Maxim Integrated Products MAX1177CCUP Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Standby Mode
While in standby mode, the supply current is less than
3.7mA (typ). The next falling edge of CS with R/C low
causes the MAX1177 to exit standby mode and begin
acquisition. The reference and reference buffer remain
active to allow quick turn-on time.
Shutdown Mode
In shutdown mode, the reference and reference buffer
are shut down between conversions. Shutdown mode
reduces supply current to 0.5µA (typ) immediately after
the conversion. The next falling edge of CS with R/C
low causes the reference and buffer to wake up and
enter acquisition mode. To achieve 16-bit accuracy,
allow 12ms for the internal reference to wake up
(CREFADJ = 0.1µF, CREF = 10µF).
Internal and External Reference
Internal Reference
The internal reference of the MAX1177 is internally
buffered to provide +4.096V output at REF. Bypass
REF to AGND and REFADJ to AGND with 10µF and
0.1µF, respectively. Sink or source current at REFADJ
to make fine adjustments to the internal reference. The
input impedance of REFADJ is nominally 5k
Ω. Use the
circuit in Figure 7 to adjust the internal reference to
±1.5%.
External Reference
An external reference can be placed at either the input
(REFADJ) or the output (REF) of the MAX1177’s internal
buffer amplifier. Using the buffered REFADJ input
makes buffering the external reference unnecessary.
The input impedance of REFADJ is typically 5k
Ω. The
internal buffer output must be bypassed at REF with a
10µF capacitor.
Connect REFADJ to AVDD to disable the internal buffer.
Directly drive REF using an external 3.8V to 4.2V refer-
ence. During conversion, the external reference must
be able to drive 100µA of DC load current and have an
output impedance of 10
Ω or less.
For optimal performance, buffer the reference through
an op amp and bypass REF with a 10µF capacitor.
Consider the MAX1177’s equivalent input noise (0.6
LSB) when choosing a reference.
16-Bit, 135ksps, Single-Supply ADC
with 0 to 10V Input Range
_______________________________________________________________________________________
9
CS
R/C
EOC
REF AND
BUFFER
POWER
ACQUISITION
CONVERSION
DATA
OUT
Figure 5. Selecting Standby Mode
CS
R/C
EOC
REF AND
BUFFER
POWER
ACQUISITION
CONVERSION
DATA
OUT
Figure 6. Selecting Shutdown Mode
+5V
68k
Ω
100k
Ω
150k
Ω
0.1
µF
REFADJ
MAX1177
Figure 7. MAX1177 Reference Adjust Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com