Electronic Components Datasheet Search
  English  ▼

X  

MAX1177CCUP Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX1177CCUP
Description  16-Bit, 135ksps, Single-Supply ADC with 0 to 10V Input Range
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1177CCUP Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX1177CCUP Datasheet HTML 5Page - Maxim Integrated Products MAX1177CCUP Datasheet HTML 6Page - Maxim Integrated Products MAX1177CCUP Datasheet HTML 7Page - Maxim Integrated Products MAX1177CCUP Datasheet HTML 8Page - Maxim Integrated Products MAX1177CCUP Datasheet HTML 9Page - Maxim Integrated Products MAX1177CCUP Datasheet HTML 10Page - Maxim Integrated Products MAX1177CCUP Datasheet HTML 11Page - Maxim Integrated Products MAX1177CCUP Datasheet HTML 12Page - Maxim Integrated Products MAX1177CCUP Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Definitions
Integral Nonlinearity
Integral nonlinearity (INL) is the deviation of the values
on an actual transfer function from a straight line. This
straight line can be either a best-straight-line fit or a line
drawn between the end points of the transfer function,
once offset and gain errors have been nullified. The
static linearity parameters for the MAX1177 are mea-
sured using the end-point method.
Differential Nonlinearity
Differential nonlinearity (DNL) is the difference between
an actual step width and the ideal value of 1 LSB. A
DNL error specification of 1 LSB guarantees no missing
codes and a monotonic transfer function.
Signal-to-Noise Ratio
For a waveform perfectly reconstructed from digital
samples, signal-to-noise ratio (SNR) is the ratio of the
full-scale analog input (RMS value) to the RMS quanti-
zation error (residual error). The ideal, theoretical mini-
mum analog-to-digital noise is caused by quantization
noise error only and results directly from the ADC’s res-
olution (N bits):
where N = 16 bits.
In reality, there are other noise sources besides quanti-
zation noise: thermal noise, reference noise, clock jitter,
etc. The SNR is computed by taking the ratio of the
RMS signal to the RMS noise, which includes all spec-
tral components minus the fundamental, the first five
harmonics, and the DC offset.
Signal-to-Noise Plus Distortion
Signal-to-noise plus distortion (SINAD) is the ratio of the
fundamental input frequency’s RMS amplitude to the
RMS equivalent of all the other ADC output signals:
Effective Number of Bits
Effective number of bits (ENOB) indicates the global
accuracy of an ADC at a specific input frequency and
sampling rate. An ideal ADC error consists of quantiza-
tion noise only. With an input range equal to the full-
scale range of the ADC, calculate the ENOB as follows:
Total Harmonic Distortion
Total harmonic distortion (THD) is the ratio of the RMS
sum of the first five harmonics of the input signal to the
fundamental itself. This is expressed as:
where V1 is the fundamental amplitude and V2 through
V5 are the 2nd- through 5th-order harmonics.
Spurious-Free Dynamic Range
Spurious-free dynamic range (SFDR) is the ratio of the
RMS amplitude of the fundamental (maximum signal
component) to the RMS value of the next-largest fre-
quency component.
THD
VVV
V
V
=×
++
+
20
2
2
3
2
4
2
5
2
1
log
ENOB
SINAD
=
−176
602
.
.
SINAD dB
Signal
Noise Distortion
RMS
RMS
(
)
log
()
=×
+
20
SNR
N
dB
=× +
(.
.
)
602
1 76
16-Bit, 135ksps, Single-Supply ADC
with 0 to 10V Input Range
______________________________________________________________________________________
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com