Electronic Components Datasheet Search
  English  ▼

X  

MAX1177CCUP Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1177CCUP
Description  16-Bit, 135ksps, Single-Supply ADC with 0 to 10V Input Range
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1177CCUP Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1177CCUP Datasheet HTML 1Page - Maxim Integrated Products MAX1177CCUP Datasheet HTML 2Page - Maxim Integrated Products MAX1177CCUP Datasheet HTML 3Page - Maxim Integrated Products MAX1177CCUP Datasheet HTML 4Page - Maxim Integrated Products MAX1177CCUP Datasheet HTML 5Page - Maxim Integrated Products MAX1177CCUP Datasheet HTML 6Page - Maxim Integrated Products MAX1177CCUP Datasheet HTML 7Page - Maxim Integrated Products MAX1177CCUP Datasheet HTML 8Page - Maxim Integrated Products MAX1177CCUP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
INL vs. CODE
CODE
57,344
40,960
24,576
8192
-2
-1
0
1
2
3
-3
DNL vs. CODE
MAX1177 toc02
-2.5
-1.5
-2.0
-0.5
-1.0
0.5
0
1.0
2.0
1.5
2.5
0
20,000
10,000
40,000 50,000 60,000
30,000
CODE
-40
0
-20
20
40
60
80
SUPPLY CURRENT (AVDD + DVDD)
vs. TEMPERATURE
TEMPERATURE (
°C)
5.25V
4.75V
fSAMPLE = 135ksps
SHUTDOWN MODE
BETWEEN CONVERSIONS
2.00
2.05
2.10
2.15
2.20
2.25
1.95
5.0V
16-Bit, 135ksps, Single-Supply ADC
with to 10V Input Range
4
_______________________________________________________________________________________
TIMING CHARACTERISTICS (Figures 1 and 2)
(AVDD = +4.75V to +5.25V, DVDD = +2.7V to AVDD, external reference = +4.096V, CREF = 10µF, CREFADJ = 0.1µF, VREFADJ = AVDD,
CLOAD = 20pF, TA = TMIN to TMAX.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Maximum Sampling Rate
fSAMPLE-MAX
135
ksps
Acquisition Time
tACQ
2µs
Conversion Time
tCONV
4.7
µs
CS Pulse-Width High
tCSH
(Note 2)
40
ns
DVDD = 4.75V to 5.25V
40
CS Pulse-Width Low (Note 2)
tCSL
DVDD = 2.7V to 5.25V
60
ns
R/
C to CS Fall Setup Time
tDS
0ns
DVDD = 4.75V to 5.25V
40
R/
C to CS Fall Hold Time
tDH
DVDD = 2.7V to 5.25V
60
ns
DVDD = 4.75V to 5.25V
40
CS to Output Data Valid
tDO
DVDD = 2.7V to 5.25V
80
ns
EOC Fall to CS Fall
tDV
0ns
DVDD = 4.75V to 5.25V
40
CS Rise to EOC Rise
tEOC
DVDD = 2.7V to 5.25V
80
ns
DVDD = 4.75V to 5.25V
40
Bus Relinquish Time
tBR
DVDD = 2.7V to 5.25V
80
ns
DVDD = 4.75V to 5.25V
40
HBEN Transition to Output Data
Valid
tDO1
DVDD = 2.7V to 5.25V
80
ns
Note 1: Maximum specification is limited by automated test equipment.
Note 2: To ensure best performance, finish reading the data and wait tBR before starting a new acquisition.
Typical Operating Characteristics
(Typical Operating Circuit, AVDD = DVDD = +5V, external reference = +4.096V, CREF = 10µF, CREFADJ = 0.1µF, VREFADJ = AVDD,
CLOAD = 20pF. Typical values are at TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com