Electronic Components Datasheet Search
  English  ▼

X  

MAX1177CCUP Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1177CCUP
Description  16-Bit, 135ksps, Single-Supply ADC with 0 to 10V Input Range
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1177CCUP Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1177CCUP Datasheet HTML 1Page - Maxim Integrated Products MAX1177CCUP Datasheet HTML 2Page - Maxim Integrated Products MAX1177CCUP Datasheet HTML 3Page - Maxim Integrated Products MAX1177CCUP Datasheet HTML 4Page - Maxim Integrated Products MAX1177CCUP Datasheet HTML 5Page - Maxim Integrated Products MAX1177CCUP Datasheet HTML 6Page - Maxim Integrated Products MAX1177CCUP Datasheet HTML 7Page - Maxim Integrated Products MAX1177CCUP Datasheet HTML 8Page - Maxim Integrated Products MAX1177CCUP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
16-Bit, 135ksps, Single-Supply ADC
with 0 to 10V Input Range
_______________________________________________________________________________________
5
SUPPLY CURRENT (AVDD + DVDD)
vs. SAMPLE RATE
SAMPLE RATE (ksps)
100
10
1
0.1
0.001
0.01
0.1
1
10
0.0001
0.01
1000
STANDBY MODE
SHUTDOWN MODE
0
1.5
1.0
0.5
2.5
2.0
4.5
4.0
3.5
3.0
5.0
-40
-20
0
2040
6080
SHUTDOWN CURRENT (AVDD + DVDD)
vs. TEMPERATURE
TEMPERATURE (
°C)
NO CONVERSIONS
-10
-4
-6
-8
0
-2
8
6
4
2
10
-40
-20
0
20
40
60
80
OFFSET ERROR vs. TEMPERATURE
TEMPERATURE (
°C)
-0.20
-0.10
-0.15
0
-0.05
0.15
0.10
0.05
0.20
-40
0
-20
2040
6080
GAIN ERROR vs. TEMPERATURE
TEMPERATURE (
°C)
4.056
4.076
4.066
4.096
4.086
4.126
4.116
4.106
4.136
-40
0
-20
20
40
60
80
INTERNAL REFERENCE
vs. TEMPERATURE
TEMPERATURE (
°C)
-180
-140
-160
-80
-100
-120
-20
-40
-60
0
020
30
10
40
50
60
FFT AT 1kHz
FREQUENCY (kHz)
fSAMPLE = 131ksps
Typical Operating Characteristics (continued)
(Typical Operating Circuit, AVDD = DVDD = +5V, external reference = +4.096V, CREF = 10µF, CREFADJ = 0.1µF, VREFADJ = AVDD,
CLOAD = 20pF. Typical values are at TA = +25°C, unless otherwise noted.)
SINAD vs. FREQUENCY
FREQUENCY (kHz)
10
10
20
30
40
50
60
70
80
90
100
0
1
100
fSAMPLE = 131ksps
SFDR vs. FREQUENCY
FREQUENCY (kHz)
10
20
40
60
80
100
120
0
1
100
fSAMPLE = 131ksps
THD vs. FREQUENCY
FREQUENCY (kHz)
10
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
-110
1100
fSAMPLE = 131ksps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com