Electronic Components Datasheet Search
  English  ▼

X  

MAX1177CCUP Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1177CCUP
Description  16-Bit, 135ksps, Single-Supply ADC with 0 to 10V Input Range
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1177CCUP Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1177CCUP Datasheet HTML 3Page - Maxim Integrated Products MAX1177CCUP Datasheet HTML 4Page - Maxim Integrated Products MAX1177CCUP Datasheet HTML 5Page - Maxim Integrated Products MAX1177CCUP Datasheet HTML 6Page - Maxim Integrated Products MAX1177CCUP Datasheet HTML 7Page - Maxim Integrated Products MAX1177CCUP Datasheet HTML 8Page - Maxim Integrated Products MAX1177CCUP Datasheet HTML 9Page - Maxim Integrated Products MAX1177CCUP Datasheet HTML 10Page - Maxim Integrated Products MAX1177CCUP Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Detailed Description
Converter Operation
The MAX1177 uses a successive-approximation (SAR)
conversion technique with an inherent track-and-hold
(T/H) stage to convert an analog input into a 16-bit digital
output. Parallel outputs provide a high-speed interface to
microprocessors (µPs). The Functional Diagram shows a
simplified internal architecture of the MAX1177. Figure 3
shows a typical operating circuit for the MAX1177.
Analog Input
Input Scaler
The MAX1177 has an input scaler, which allows conver-
sion of input voltages ranging from 0 to 10V, while oper-
ating from a single +5V analog supply. The input scaler
attenuates and shifts the analog input to match the input
range of the internal digital-to-analog converter (DAC).
Figure 4 shows the equivalent input circuit of the
MAX1177. This circuit limits the current going into AIN to
less than 2mA.
Track and Hold (T/H)
In track mode, the internal hold capacitor acquires the
analog signal (Figure 4). In hold mode, the T/H switches
open and the capacitive DAC samples the analog input.
During the acquisition, the analog input (AIN) charges
capacitor CHOLD. The acquisition ends on the second
falling edge of CS. At this instant, the T/H switches
open. The retained charge on CHOLD represents a sam-
ple of the input. In hold mode, the capacitive DAC
adjusts during the remainder of the conversion time to
restore node T/H OUT to zero within the limits of 16-bit
resolution. Force CS low to put valid data on the bus
after conversion is complete.
16-Bit, 135ksps, Single-Supply ADC
with 0 to 10V Input Range
_______________________________________________________________________________________
7
DGND
1mA
CLOAD = 20pF
DO–D15
DO–D15
CLOAD = 20pF
1mA
DGND
DVDD
a) HIGH-Z TO VOH,
VOL TO VOH, AND
VOH TO HIGH-Z
b) HIGH-Z TO VOL,
VOH TO VOL, AND
VOL TO HIGH-Z
Figure 1. Load Circuits
CS
R/C
REF POWER-
DOWN CONTROL
EOC
tACQ
tCONV
tCSH
tCSL
tDH
tDO
tEOC
tDS
tDV
HBEN
D7/D15–D0/D8
HIGH/LOW
BYTE VALID
HIGH/LOW
BYTE VALID
tDO
tDO1
HIGH-Z
tBR
HIGH-Z
Figure 2. MAX1177 Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com