Electronic Components Datasheet Search
  English  ▼

X  

RT4503 Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT4503
Description  Asynchronous Boost Converter for 10 WLEDs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4503 Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT4503 Datasheet HTML 1Page - Richtek Technology Corporation RT4503 Datasheet HTML 2Page - Richtek Technology Corporation RT4503 Datasheet HTML 3Page - Richtek Technology Corporation RT4503 Datasheet HTML 4Page - Richtek Technology Corporation RT4503 Datasheet HTML 5Page - Richtek Technology Corporation RT4503 Datasheet HTML 6Page - Richtek Technology Corporation RT4503 Datasheet HTML 7Page - Richtek Technology Corporation RT4503 Datasheet HTML 8Page - Richtek Technology Corporation RT4503 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
RT4503/A
www.richtek.com
DS4503/A-03
June 2015
©
Copyright
2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Electrical Characteristics
Recommended Operating Conditions
(Note 4)
Supply Input Voltage, VIN ------------------------------------------------------------------------------------------ 2.5V to 5.5V
Junction Temperature Range --------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range --------------------------------------------------------------------------------------
−40°C to 85°C
(VIN = 3.6V, CIN = 2.2
μF, COUT = 1μF, L = 22μH, fSW = 550kHz, TA = 25°C, unless otherwise specified)
Absolute Maximum Ratings
(Note 1)
VIN ----------------------------------------------------------------------------------------------------------------------
−0.3V to 6V
EN, FB, COMP to GND --------------------------------------------------------------------------------------------
−0.3V to (VIN + 0.3V)
LX to GND -------------------------------------------------------------------------------------------------------------
−0.3V to 38V
Power Dissipation, PD @ TA = 25
°C
WDFN-6L 2x2 -------------------------------------------------------------------------------------------------------- 2.1W
Package Thermal Resistance (Note 2)
WDFN-6L 2x2,
θJA --------------------------------------------------------------------------------------------------- 47.5°C/W
Junction Temperature ----------------------------------------------------------------------------------------------- 150
°C
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------- 260
°C
Storage Temperature Range --------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Model) ---------------------------------------------------------------------------------------- 2kV
MM (Machine Model) ----------------------------------------------------------------------------------------------- 200V
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Power Supply
IC Operating Current (switching)
IQ_SW
VFB = 0V
0.25
0.8
1.5
mA
IC Quiescent Current (non-switching)
IQ
VFB = 0.4V
0.25
0.35
0.5
mA
VIN Pin Shutdown Current
ISHDN
EN = GND
--
0.3
1
A
Under-Voltage Lockout Threshold
UVLO
VIN Rising Edge
2.25
2.37
2.5
V
Under-Voltage Lockout Hysteresis
UVLO_hys
VIN Falling Edge
--
80
--
mV
Enable and Reference Control
EN Input Voltage
Logic-High
VIH
1.4
--
--
V
Logic-Low
VIL
--
--
0.4
EN Pull Low Resistance
REN
--
300
--
k
EN minimum Shut down Pulse Width
Toff
For RT4503
20
--
--
ms
Toff
For RT4503A
2
--
--
ms
EN Minimum Logic High Pulse Width
THigh_MIN
0.5
--
--
s
EN Minimum Logic Low Pulse Width
TLow
0.5
--
1000
s
Internal Comp Resistance
Rcomp
--
120
--
k
PWM Minimum Duty without IC
Shutdown
DPWM MIN For RT4503, VFB > 0mV
1
--
--
%
PWM Frequency
fPWM
For RT4503
1
--
100
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com