Electronic Components Datasheet Search
  English  ▼

X  

RT4503 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT4503
Description  Asynchronous Boost Converter for 10 WLEDs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4503 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT4503 Datasheet HTML 1Page - Richtek Technology Corporation RT4503 Datasheet HTML 2Page - Richtek Technology Corporation RT4503 Datasheet HTML 3Page - Richtek Technology Corporation RT4503 Datasheet HTML 4Page - Richtek Technology Corporation RT4503 Datasheet HTML 5Page - Richtek Technology Corporation RT4503 Datasheet HTML 6Page - Richtek Technology Corporation RT4503 Datasheet HTML 7Page - Richtek Technology Corporation RT4503 Datasheet HTML 8Page - Richtek Technology Corporation RT4503 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
RT4503/A
DS4503/A-03
June 2015
www.richtek.com
©
Copyright
2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Function Block Diagram
Operation
The RT4503/A is a constant frequency, current mode
Boost LED driver. In normal operation, the N-MOSFET is
turned on when the PWM Control circuit is set by the
oscillator and is turned off when the current comparator
resets the PWM Control circuit. While the N-MOSFET is
turned off, the inductor current conducts through the
external diode.
UVLO
When the input voltage is lower than the UVLO threshold
(2.37V typ.), the driver will turn off. There is a 80mV for
the UVLO hysteresis control.
Soft-Start
When the device is enabled, the Comp ramps up to the
target voltage in a specific time. This ensures that the
output voltage rises slowly to reduce the input inrush
current.
EN Dimming
The EN pin is used for the control input for both PWM
dimming mode and digital dimming mode. Shutdown delay
when the EN voltage is logic low for more than specific
time, the driver will be shut down.
OCP
The driver provides cycle-by-cycle current limit function
to control the current on power switch.
OVP
The over-voltage protection function monitors the output
voltage via the LX pin voltage. The OVP threshold voltage
is 36V typically. Once the LED is open, the output voltage
reaches the OVP threshold, the driver will be shut down.
OTP
The over-temperature protection function will shut down
the switching operation when the junction temperature
exceeds 160
°C. Once the junction temperature cools
down by approximately 15
°C, the converter will
automatically resume switching.
FB
OVP
ISENSE
OCP
Back Light
PWM Logic
IBIAS
OTP
UVLO
Control Logic
OSC
Slope
Internal
Compensation
VREF
Dimming
DAC
+
-
+
-
EA
GND
LX
COMP
EN
VIN
(RT4503)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com