Electronic Components Datasheet Search
  English  ▼

X  

RT4503 Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT4503
Description  Asynchronous Boost Converter for 10 WLEDs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4503 Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT4503 Datasheet HTML 5Page - Richtek Technology Corporation RT4503 Datasheet HTML 6Page - Richtek Technology Corporation RT4503 Datasheet HTML 7Page - Richtek Technology Corporation RT4503 Datasheet HTML 8Page - Richtek Technology Corporation RT4503 Datasheet HTML 9Page - Richtek Technology Corporation RT4503 Datasheet HTML 10Page - Richtek Technology Corporation RT4503 Datasheet HTML 11Page - Richtek Technology Corporation RT4503 Datasheet HTML 12Page - Richtek Technology Corporation RT4503 Datasheet HTML 13Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
RT4503/A
DS4503/A-03
June 2015
www.richtek.com
©
Copyright
2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Time (5
μs/Div)
PWM Dimming
VIN = 3.7V, F = 50kHz, Duty = 50%
ILED
(10mA/Div)
EN
(2V/Div)
VOUT
(100mV/Div)
FB
(20mV/Div)
Time (5ms/Div)
Pulse Dimming
VIN = 3.7V, IOUT = 20mA to 10mA
ILED
(10mA/Div)
EN
(1V/Div)
Time (5ms/Div)
Pulse Dimming
ILED
(10mA/Div)
EN
(1V/Div)
VIN = 3.7V, IOUT = 20mA to zero
VIN = 3.7V
Time (25ms/Div)
Power On from EN
IIN
(200mA/Div)
EN
(2V/Div)
VOUT
(10V/Div)
COMP
(100mV/Div)
VIN = 3.7V
Time (5ms/Div)
Power Off from EN
IIN
(200mA/Div)
EN
(2V/Div)
LX
(20V/Div)
VOUT
(10V/Div)
Time (250
μs/Div)
PWM Dimming
VIN = 3.7V, F = 1kHz, Duty = 50%
ILED
(10mA/Div)
EN
(2V/Div)
VOUT
(500mV/Div)
FB
(20mV/Div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com