Electronic Components Datasheet Search
  English  ▼

X  

RT4503 Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT4503
Description  Asynchronous Boost Converter for 10 WLEDs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4503 Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT4503 Datasheet HTML 5Page - Richtek Technology Corporation RT4503 Datasheet HTML 6Page - Richtek Technology Corporation RT4503 Datasheet HTML 7Page - Richtek Technology Corporation RT4503 Datasheet HTML 8Page - Richtek Technology Corporation RT4503 Datasheet HTML 9Page - Richtek Technology Corporation RT4503 Datasheet HTML 10Page - Richtek Technology Corporation RT4503 Datasheet HTML 11Page - Richtek Technology Corporation RT4503 Datasheet HTML 12Page - Richtek Technology Corporation RT4503 Datasheet HTML 13Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
RT4503/A
DS4503/A-03
June 2015
www.richtek.com
©
Copyright
2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Pulse Dimming
The EN pin features a simple digital interface to allow digital
brightness control. Using the digital interface to control
the LED brightness does not require a PWM signal.
0
1
2
3 4 56 7 89
THI
40µs
TSHDN > 2ms
0
CTRL
FB
0.5µs < TLO < 1000µs
0.5µs < THi
200mV
(23/32) x 200mV
0
The digital brightness control is implemented by adjusting
the feedback voltage in digital steps with a typical
maximum voltage of VFB = 200mV. For this purpose, a 5-
bit DAC is used to display 32 steps equaling to a 6.25mV
change in feedback voltage per step.
Inductor Selection
The recommended value of inductor for 10 LEDs or high
brightness LED applications is 22
μH. Smaller size and
better efficiency are the major concerns for portable
devices. The inductor should have low core loss at 550kHz
and low DCR for better efficiency. The inductor saturation
current rating should be considered to cover the inductor
peak current.
Capacitor Selection
For low ripple voltage, ceramic capacitors with low ESR
are recommended. X5R and X7R types are suitable
because of their wide voltage range and good operating
temperature characteristics. For the application of the
RT4503/A to drive 10 LEDs in series, a 2.2
μF for input
capacitor, a 1
μF for output capacitor.
Thermal Considerations
For continuous operation, do not exceed absolute
maximum junction temperature. The maximum power
dissipation depends on the thermal resistance of the IC
package, PCB layout, rate of surrounding airflow, and
difference between junction and ambient temperature. The
maximum power dissipation can be calculated by the
following formula :
PD(MAX) = (TJ(MAX)
− TA) / θJA
where TJ(MAX) is the maximum junction temperature, TA is
the ambient temperature, and
θJAis the junction to ambient
thermal resistance.
For recommended operating condition specifications, the
maximum junction temperature is 125
°C. The junction to
ambient thermal resistance,
θJA, is layout dependent. For
WDFN-6L 2x2 package, the thermal resistance,
θJA, is
47.5
°C/W on a standard JEDEC 51-7 four-layer thermal
test board. The maximum power dissipation at TA = 25
°C
can be calculated by the following formula :
PD(MAX) = (125
°C − 25°C) / (47.5°C/W) = 2.1W for
WDFN-6L 2x2 package
The maximum power dissipation depends on the operating
ambient temperature for fixed TJ(MAX) and thermal
resistance,
θJA. The derating curve in Figure 1 allows the
designer to see the effect of rising ambient temperature
on the maximum power dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com