Electronic Components Datasheet Search
  English  ▼

X  

RT4503 Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT4503
Description  Asynchronous Boost Converter for 10 WLEDs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4503 Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT4503 Datasheet HTML 4Page - Richtek Technology Corporation RT4503 Datasheet HTML 5Page - Richtek Technology Corporation RT4503 Datasheet HTML 6Page - Richtek Technology Corporation RT4503 Datasheet HTML 7Page - Richtek Technology Corporation RT4503 Datasheet HTML 8Page - Richtek Technology Corporation RT4503 Datasheet HTML 9Page - Richtek Technology Corporation RT4503 Datasheet HTML 10Page - Richtek Technology Corporation RT4503 Datasheet HTML 11Page - Richtek Technology Corporation RT4503 Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
RT4503/A
www.richtek.com
DS4503/A-03
June 2015
©
Copyright
2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Reference Voltage vs. Pulse Dimming Step
0
20
40
60
80
100
120
140
160
180
200
0
2
4
6
8 10 12 14 16 18 20 22 24 26 28 30 32
Pulse Dimming Step
VIN Shutdown Current vs. Input Voltage
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
2.5
3
3.5
4
4.5
5
5.5
Input Voltage (V)
Open LED Protection vs. Input Voltage
34.0
34.5
35.0
35.5
36.0
36.5
37.0
37.5
38.0
38.5
39.0
2.5
2.8
3.1
3.4
3.7
4
4.3
4.6
4.9
5.2
5.5
Input Voltage(V)
Reference Voltage vs. Input Voltage
190
192
194
196
198
200
202
204
206
208
210
0
3
6
9
12
15
18
21
24
27
30
Output Current (mA)
VIN = 5.5V
VIN = 4.2V
VIN = 3.7V
Reference Voltage vs. Output Current
194.0
196.2
198.4
200.6
202.8
205.0
0
3
6
9
12
15
18
21
24
27
30
Output Current (mA)
VIN = 5.5V
VIN = 4.2V
VIN = 3.7V
Reference Voltage vs. PWM Dimming Duty Cycle
0
50
100
150
200
250
0
2040
6080
100
PWM dimming Duty Cycle (%)
10kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com