Electronic Components Datasheet Search
  English  ▼

X  

RT4503 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT4503
Description  Asynchronous Boost Converter for 10 WLEDs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4503 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT4503 Datasheet HTML 1Page - Richtek Technology Corporation RT4503 Datasheet HTML 2Page - Richtek Technology Corporation RT4503 Datasheet HTML 3Page - Richtek Technology Corporation RT4503 Datasheet HTML 4Page - Richtek Technology Corporation RT4503 Datasheet HTML 5Page - Richtek Technology Corporation RT4503 Datasheet HTML 6Page - Richtek Technology Corporation RT4503 Datasheet HTML 7Page - Richtek Technology Corporation RT4503 Datasheet HTML 8Page - Richtek Technology Corporation RT4503 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
RT4503/A
®
DS4503/A-03
June 2015
www.richtek.com
1
©
Copyright
2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Simplified Application Circuit
Applications
Cellular Phones
Digital Cameras
Probable Instruments
* : COMP pin for RT4503 only.
Asynchronous Boost Converter for 10 WLEDs
General Description
The RT4503/A is a highly integrated LED driver IC capable
of driving 10 WLEDs in series. It is composed of a current
mode Boost converter integrated with a 36V/1.2A power
switch.
The RT4503/A supports a wide input voltage range from
2.5V to 5.5V and runs at a fixed frequency of 550kHz.
The LED current is set via an external resistor and the
feedback voltage is regulated to 200mV.
For brightness dimming, the RT4503A supports 32 steps
pulse dimming which determines the feedback reference
voltage, and RT4503 support PWM dimming which
determines the feedback reference voltage.
Features
2.5V to 5.5V Input Voltage Range
36V Open LED Protection for 10 WLEDs
Pulse Dimming Brightness Control
200mV Reference Voltage with
±±±±±2% Accuracy
550kHz Switching Frequency
Built-In Soft-Start
Over-Temperature Protection
Internal Compensation
Current Limit
RT4503/A
Package Type
QW : WDFN-6L 2x2 (W-Type)
Lead Plating System
G : Green (Halogen Free and Pb Free)
RT4503 : PWM Dimming
RT4503A : Pulse Dimming
LX
FB
GND
RT4503/A
VIN
COMP*
EN
L
VIN


Similar Part No. - RT4503

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
RT450V470M16X41 MERITEK-RT450V470M16X41 Datasheet
151Kb / 2P
Aluminum Electrolytic Capacitors
More results

Similar Description - RT4503

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
AN32 COPAL-AN32 Datasheet
124Kb / 7P
10-LED Boost Converter
logo
Richtek Technology Corp...
RT4533 RICHTEK-RT4533 Datasheet
142Kb / 11P
Asynchronous Boost Converter
logo
Anpec Electronics Corop...
APW7272 ANPEC-APW7272 Datasheet
323Kb / 18P
24V 4A Asynchronous Boost Converter
logo
Feeling Technology Corp...
FP5139 FEELING-FP5139 Datasheet
432Kb / 15P
Asynchronous Boost Controller
logo
Major-Power Technology ...
MA2004 MPOWER-MA2004 Datasheet
428Kb / 6P
3A 750KHz Asynchronous Boost Converter
MA2004A MPOWER-MA2004A Datasheet
365Kb / 6P
3A 750KHz Asynchronous Boost Converter
MA2007 MPOWER-MA2007 Datasheet
291Kb / 6P
750KHz Asynchronous Boost Converter
logo
SHENZHEN FUMAN ELECTRON...
A3128 FUMAN-A3128 Datasheet
293Kb / 12P
Asynchronous Boost 10 White LED Driver
logo
Shenzhen Huazhimei Semi...
HM1621 HMSEMI-HM1621 Datasheet
935Kb / 11P
1MHz Asynchronous Boost Regulator
HM9293B HMSEMI-HM9293B Datasheet
796Kb / 10P
Asynchronous boost 10 white LED driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com