Electronic Components Datasheet Search
  English  ▼

X  

RT4503 Datasheet(PDF) 12 Page - Richtek Technology Corporation

Part # RT4503
Description  Asynchronous Boost Converter for 10 WLEDs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4503 Datasheet(HTML) 12 Page - Richtek Technology Corporation

Back Button RT4503 Datasheet HTML 5Page - Richtek Technology Corporation RT4503 Datasheet HTML 6Page - Richtek Technology Corporation RT4503 Datasheet HTML 7Page - Richtek Technology Corporation RT4503 Datasheet HTML 8Page - Richtek Technology Corporation RT4503 Datasheet HTML 9Page - Richtek Technology Corporation RT4503 Datasheet HTML 10Page - Richtek Technology Corporation RT4503 Datasheet HTML 11Page - Richtek Technology Corporation RT4503 Datasheet HTML 12Page - Richtek Technology Corporation RT4503 Datasheet HTML 13Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
12
RT4503/A
www.richtek.com
DS4503/A-03
June 2015
©
Copyright
2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
0.0
0.5
1.0
1.5
2.0
2.5
0
25
50
75
100
125
Ambient Temperature (°C)
Four-Layer PCB
Figure 1. Derating Curve of Maximum Power Dissipation
Layout Consideration
For best performance of the RT4503/A, the following guide
lines must be strictly followed.
Input and Output capacitors should be placed close to
the IC and connected to ground plane to reduce noise
coupling.
The GND and Exposed Pad should be connected to a
strong ground plane for heat sinking and noise protection.
Keep the main current traces as possible as short and
wide.
LX node of DC/DC converter is with high frequency
voltage swing. It should be kept at a small area.
Place the feedback components as close as possible
to the IC and keep away from the noisy devices.
FB
COMP
VIN
EN
LX
GND
5
4
1
2
3
6
7
CIN
CCOMP
GND
VOUT
RSET
The inductor should
be placed as close as
possible to the switch
pin to minimize the
noise coupling into
other circuits. LX
node copper area
should be minimized
for reducing EMI.
Input capacitor must
close to VIN to reduce
noise.
FB node copper area should be minimized and
keep far away from noise sources (LX pin) and
RSET should be as close as possible to FB pin.
Output capacitor must be placed between
GND and VOUT to reduce noise.
COUT
Figure 2. PCB Layout Guide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com