Electronic Components Datasheet Search
  English  ▼

X  

RT4503 Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT4503
Description  Asynchronous Boost Converter for 10 WLEDs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4503 Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT4503 Datasheet HTML 1Page - Richtek Technology Corporation RT4503 Datasheet HTML 2Page - Richtek Technology Corporation RT4503 Datasheet HTML 3Page - Richtek Technology Corporation RT4503 Datasheet HTML 4Page - Richtek Technology Corporation RT4503 Datasheet HTML 5Page - Richtek Technology Corporation RT4503 Datasheet HTML 6Page - Richtek Technology Corporation RT4503 Datasheet HTML 7Page - Richtek Technology Corporation RT4503 Datasheet HTML 8Page - Richtek Technology Corporation RT4503 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
RT4503/A
DS4503/A-03
June 2015
www.richtek.com
©
Copyright
2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Note 1. Stresses beyond those listed
“Absolute Maximum Ratings” may cause permanent damage to the device. These are
stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in
the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions may
affect device reliability.
Note 2.
θJA is measured at TA = 25°C on a high effective thermal conductivity four-layer test board per JEDEC 51-7.
Note 3. Devices are ESD sensitive. Handling precaution is recommended.
Note 4. The device is not guaranteed to function outside its operating conditions.
Note 5. First EN pulse for pulse dimming see Timing Diagram.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Voltage and Current Control
Feedback Regulation Voltage
VFB
196
200
204
mV
Feedback Pin Bias Current
IFB
--
--
0.1
A
Oscillator Frequency
fSW
495
550
605
kHz
Maximum Duty Cycle
DMAX
--
93
--
%
Power Switch
N-MOSFET On-Resistance
RDS(ON)
VIN = 3.6V
--
0.4
0.7
OC and OLP
Peak N-MOSFET Current Limit
ILIM
1
1.2
1.4
A
Open LED Protection Threshold
OVP
35
36.5
38
V
Thermal Shutdown
Thermal Shutdown Threshold
TSD
--
160
--
°C
Thermal Shutdown Hysteresis
TSD
--
15
--
°C
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com