Electronic Components Datasheet Search
  English  ▼

X  

RT4503 Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT4503
Description  Asynchronous Boost Converter for 10 WLEDs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4503 Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT4503 Datasheet HTML 3Page - Richtek Technology Corporation RT4503 Datasheet HTML 4Page - Richtek Technology Corporation RT4503 Datasheet HTML 5Page - Richtek Technology Corporation RT4503 Datasheet HTML 6Page - Richtek Technology Corporation RT4503 Datasheet HTML 7Page - Richtek Technology Corporation RT4503 Datasheet HTML 8Page - Richtek Technology Corporation RT4503 Datasheet HTML 9Page - Richtek Technology Corporation RT4503 Datasheet HTML 10Page - Richtek Technology Corporation RT4503 Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
RT4503/A
DS4503/A-03
June 2015
www.richtek.com
©
Copyright
2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Oscillator Frequency vs. Input Voltage
558
560
562
564
566
568
570
572
574
576
578
580
582
584
2.5
3
3.5
4
4.5
5
5.5
Input Voltage (V)
Typical Operating Characteristics
Quiescent Current vs. Temperature
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
-50
-25
0
25
50
75
100
125
Temperature (
°C)
Switching Quiescent Current
Non-Switching Quiescent Current
Efficiency vs. Output Current
0
10
20
30
40
50
60
70
80
90
100
0
0.005
0.01
0.015
0.02
0.025
0.03
Output Current (A)
VOUT = 30V
VIN = 3.3V
VIN = 3.7V
VIN = 4.2V
VIN = 5.5V
Quiescent Current vs. Input Voltage
0.45
0.50
0.55
0.60
0.65
0.70
0.75
0.80
2.5
3
3.5
4
4.5
5
5.5
Input Voltage (V)
Switching Quiescent Current
Oscillator Frequency vs. Temperature
450
470
490
510
530
550
570
590
610
630
650
-50
-25
0
25
50
75
100
125
Temperature (°C)
Efficiency vs. Input Voltage
0
10
20
30
40
50
60
70
80
90
100
2.5
2.8
3.1
3.4
3.7
4
4.3
4.6
4.9
5.2
5.5
Input Voltage (V)
VOUT = 30V
Load = 20mA
Load = 30mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com