Electronic Components Datasheet Search
  English  ▼

X  

CC3220MODAX Datasheet(PDF) 35 Page - Texas Instruments

Part # CC3220MODAX
Description  SimpleLink Wi-Fi CERTIFIED Wireless MCU Modules
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3220MODAX Datasheet(HTML) 35 Page - Texas Instruments

Back Button CC3220MODAX Datasheet HTML 31Page - Texas Instruments CC3220MODAX Datasheet HTML 32Page - Texas Instruments CC3220MODAX Datasheet HTML 33Page - Texas Instruments CC3220MODAX Datasheet HTML 34Page - Texas Instruments CC3220MODAX Datasheet HTML 35Page - Texas Instruments CC3220MODAX Datasheet HTML 36Page - Texas Instruments CC3220MODAX Datasheet HTML 37Page - Texas Instruments CC3220MODAX Datasheet HTML 38Page - Texas Instruments CC3220MODAX Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 100 page
background image
35
CC3220MOD, CC3220MODA
www.ti.com
SWRS206B – MARCH 2017 – REVISED AUGUST 2017
Submit Documentation Feedback
Product Folder Links: CC3220MOD CC3220MODA
Specifications
Copyright © 2017, Texas Instruments Incorporated
(1)
TX power level = 0 implies maximum power (see Figure 5-1, Figure 5-2, and Figure 5-3). TX power level = 4 implies output power
backed off approximately 4 dB.
(2)
CC3220MODx and CC3220MODAx are constant, power-source systems. The active current numbers scale based on the VBAT voltage
supplied.
(3)
The RX current is measured with a 1-Mbps throughput rate.
(4)
DTIM = 1
(5)
The LPDS number of reported is with retention of 256KB of MCU SRAM. The CC3220MODx and CC3220MODAx modules can be
configured to retain 0KB, 64KB, 128KB, 192KB, or 256KB of SRAM in LPDS. Each 64-KB block of MCU retained SRAM increases
LPDS current by 4 μA.
(6)
The complete calibration can take up to 17 mJ of energy from the battery over a time of 24 ms. In default mode, calibration is performed
sparingly, and typically occurs when re-enabling the NWP and when the temperature has changed by more than 20°C. There are two
additional calibration modes that may be used to reduced or completely eliminate the calibration event. For further details, see CC3x20
SimpleLink™ Wi-Fi® and Internet of Things Network Processor Programmer's Guide.
5.4
Current Consumption (CC3220MODS and CC3220MODAS)
TA = 25°C, VBAT = 3.6 V
PARAMETER
TEST CONDITIONS(1) (2)
MIN
TYP
MAX UNIT
MCU ACTIVE
NWP ACTIVE
TX
1 DSSS
TX power level = 0
272
mA
TX power level = 4
190
6 OFDM
TX power level = 0
248
TX power level = 4
182
54 OFDM
TX power level = 0
223
TX power level = 4
160
RX(3)
1 DSSS
59
54 OFDM
59
NWP idle connected(4)
15.3
MCU SLEEP
NWP ACTIVE
TX
1 DSSS
TX power level = 0
269
mA
TX power level = 4
187
6 OFDM
TX power level = 0
245
TX power level = 4
179
54 OFDM
TX power level = 0
220
TX power level = 4
157
RX(3)
1 DSSS
56
54 OFDM
56
NWP idle connected(4)
12.2
MCU LPDS
NWP active
TX
1 DSSS
TX power level = 0
266
mA
TX power level = 4
184
6 OFDM
TX power level = 0
242
TX power level = 4
176
54 OFDM
TX power level = 0
217
TX power level = 4
154
RX(3)
1 DSSS
53
54 OFDM
53
NWP LPDS(5)
135
µA
NWP idle connected(4)
710
µA
MCU hibernate
NWP hibernate
5
µA
MCU shutdown
NWP shutdown
1
Peak calibration current (6)
VBAT = 3.6 V
420
mA
VBAT = 3.3 V
450
VBAT= 2.3 V
620



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com