Electronic Components Datasheet Search
  English  ▼

X  

CC3220MODAX Datasheet(PDF) 62 Page - Texas Instruments

Part # CC3220MODAX
Description  SimpleLink Wi-Fi CERTIFIED Wireless MCU Modules
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3220MODAX Datasheet(HTML) 62 Page - Texas Instruments

Back Button CC3220MODAX Datasheet HTML 58Page - Texas Instruments CC3220MODAX Datasheet HTML 59Page - Texas Instruments CC3220MODAX Datasheet HTML 60Page - Texas Instruments CC3220MODAX Datasheet HTML 61Page - Texas Instruments CC3220MODAX Datasheet HTML 62Page - Texas Instruments CC3220MODAX Datasheet HTML 63Page - Texas Instruments CC3220MODAX Datasheet HTML 64Page - Texas Instruments CC3220MODAX Datasheet HTML 65Page - Texas Instruments CC3220MODAX Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 100 page
background image
62
CC3220MOD, CC3220MODA
SWRS206B – MARCH 2017 – REVISED AUGUST 2017
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC3220MOD CC3220MODA
Detailed Description
Copyright © 2017, Texas Instruments Incorporated
(1)
Modes are listed in order of power consumption, with highest power modes listed first.
6.5
Power-Management Subsystem
The CC3220MODx and CC3220MODAx power-management subsystems contain DC/DC converters to
accommodate the differing voltage or current requirements of the system.
The CC3220MODx and CC3220MODAx are fully integrated module-based WLAN radio solution used on
an embedded system with a wide-voltage supply range. The internal power management, including
DC/DC converters and LDOs, generates all of the voltages required for the module to operate from a wide
variety of input sources. For maximum flexibility, the module can operate in the modes described in the
following sections.
6.5.1
VBAT Wide-Voltage Connection
In the wide-voltage battery connection, the module can be directly connected to two AA alkaline batteries.
All other voltages required to operate the module are generated internally by the DC/DC converters. This
scheme is the most common mode for the module because it supports wide-voltage operation from 2.3 to
3.6 V.
6.6
Low-Power Operating Mode
From a power-management perspective, the CC3220MODx and CC3220MODAx module comprise the
following two independent subsystems:
•
Cortex-M4 application processor subsystem
•
Networking subsystem
Each subsystem operates in one of several power states.
The Cortex-M4 application processor runs the user application loaded from an external serial Flash, or
internal Flash (in CC3220MODSF). The networking subsystem runs preprogrammed TCP/IP and Wi-Fi
data link layer functions.
The user program controls the power state of the application processor subsystem and can be in one of
the five modes described in Table 6-2.
Table 6-2. User Program Modes
APPLICATION PROCESSOR
(MCU) MODE(1)
DESCRIPTION
MCU active mode
MCU executing code at 80-MHz state rate
MCU sleep mode
The MCU clocks are gated off in sleep mode and the entire state of the device is retained. Sleep mode
offers instant wakeup. The MCU can be configured to wake up by an internal fast timer or by activity
from any GPIO line or peripheral.
MCU LPDS mode
State information is lost and only certain MCU-specific register configurations are retained. The MCU
can wake up from external events or by using an internal timer. (The wake-up time is less than 3 ms.)
Certain parts of memory can be retained while the MCU is in LPDS mode. The amount of memory
retained is configurable. Users can choose to preserve code and the MCU-specific setting. The MCU
can be configured to wake up using the RTC timer or by an external event on specific GPIOs as the
wake-up source.
MCU hibernate mode
The lowest power mode in which all digital logic is power-gated. Only a small section of the logic directly
powered by the input supply is retained. The RTC keeps running and the MCU supports wakeup from
an external event or from an RTC timer expiry. Wake-up time is longer than LPDS mode at about 15 ms
plus the time to load the application from serial Flash, which varies according to code size. In this mode,
the MCU can be configured to wake up using the RTC timer or external event on a GPIO .
MCU shutdown mode
The lowest power mode system-wise. All device logics are off, including the RTC. The wake-up time in
this mode is longer than hibernate at about 1.1 s. To enter or exit the shutdown mode, the state of the
nRESET line is changed (low to shut down, high to turn on).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com