Electronic Components Datasheet Search
  English  ▼

X  

CC3220MODAX Datasheet(PDF) 12 Page - Texas Instruments

Part # CC3220MODAX
Description  SimpleLink Wi-Fi CERTIFIED Wireless MCU Modules
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3220MODAX Datasheet(HTML) 12 Page - Texas Instruments

Back Button CC3220MODAX Datasheet HTML 8Page - Texas Instruments CC3220MODAX Datasheet HTML 9Page - Texas Instruments CC3220MODAX Datasheet HTML 10Page - Texas Instruments CC3220MODAX Datasheet HTML 11Page - Texas Instruments CC3220MODAX Datasheet HTML 12Page - Texas Instruments CC3220MODAX Datasheet HTML 13Page - Texas Instruments CC3220MODAX Datasheet HTML 14Page - Texas Instruments CC3220MODAX Datasheet HTML 15Page - Texas Instruments CC3220MODAX Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 100 page
background image
12
CC3220MOD, CC3220MODA
SWRS206B – MARCH 2017 – REVISED AUGUST 2017
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC3220MOD CC3220MODA
Device Comparison
Copyright © 2017, Texas Instruments Incorporated
3.1
Related Products
For information about other devices in this family of products or related products see the links below.
The SimpleLink™ MCU Portfolio
offers a single development environment that delivers flexible
hardware, software and tool options for customers developing wired and wireless
applications. With 100 percent code reuse across host MCUs, Wi-Fi™, Bluetooth® low
energy, Sub-1GHz devices and more, choose the MCU or connectivity standard that fits your
design. A one-time investment with the SimpleLink software development kit (SDK) allows
you to reuse often, opening the door to create unlimited applications.
Companion Products Review products that are frequently purchased or used in conjunction with this
product.
SimpleLink Wi-Fi Family The SimpleLink Wi-Fi Family offers several Internet-on-a chip solutions, which
address the need of battery operated, security enabled products. Texas instruments offers a
single chip wireless microcontroller and a wireless network processor which can be paired
with any MCU, to allow developers to design new wi-fi products, or upgrade existing
products with wi-fi capabilities.
BoosterPack Plug-In Modules BoosterPack Plug-In Modules extend the functionality of TI LaunchPad
Kit. Application specific BoosterPack Plug in modules allow you to explore a broad range of
applications, including capacitive touch, wireless sensing, LED Lighting control, and more.
Stack multiple BoosterPack modules onto a single LaunchPad kit to further enhance the
functionality of your design.
Reference Designs for CC3200 and CC3220 Modules TI Designs Reference Design Library is a robust
reference design library spanning analog, embedded processor and connectivity. Created by
TI experts to help you jump start your system design, all TI Designs include schematic or
block diagrams, BOMs and design files to speed your time to market. Search and download
designs at ti.com/tidesigns.
SimpleLink Wi-Fi CC3220 SDK The SimpleLink Wi-Fi CC3220 SDK contains drivers for the CC3220
programmable MCU, sample applications, and documentation required to start development
with CC3220 solutions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com