Electronic Components Datasheet Search
  English  ▼

X  

CC3220MODAX Datasheet(PDF) 81 Page - Texas Instruments

Part # CC3220MODAX
Description  SimpleLink Wi-Fi CERTIFIED Wireless MCU Modules
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3220MODAX Datasheet(HTML) 81 Page - Texas Instruments

Back Button CC3220MODAX Datasheet HTML 77Page - Texas Instruments CC3220MODAX Datasheet HTML 78Page - Texas Instruments CC3220MODAX Datasheet HTML 79Page - Texas Instruments CC3220MODAX Datasheet HTML 80Page - Texas Instruments CC3220MODAX Datasheet HTML 81Page - Texas Instruments CC3220MODAX Datasheet HTML 82Page - Texas Instruments CC3220MODAX Datasheet HTML 83Page - Texas Instruments CC3220MODAX Datasheet HTML 84Page - Texas Instruments CC3220MODAX Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 100 page
background image
6 mm
6 mm
6 mm
1 mm
Copyright © 2017, Texas Instruments Incorporated
81
CC3220MOD, CC3220MODA
www.ti.com
SWRS206B – MARCH 2017 – REVISED AUGUST 2017
Submit Documentation Feedback
Product Folder Links: CC3220MOD CC3220MODA
Applications, Implementation, and Layout
Copyright © 2017, Texas Instruments Incorporated
7.3.3
CC3220MODAx RF Layout Recommendations
Use the following guidelines to lay out the CC3220MODAx module with integral antenna, as shown in
Figure 7-6.
•
The module must have an overhang of 1 mm from the PCB edge.
•
The module must have a 6-mm clearance on all layers (no copper) to the left and right of the module
placement.
•
There must be at least one ground-reference plane under the module on the main PCB.
•
For additional Layout recommendations, see the CC3220MODASx SimpleLink™ Wi-Fi® and IoT
Solution With MCU LaunchPad™ Hardware User's Guide.
Figure 7-6. CC3220MODAx Layout Guidelines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com