Electronic Components Datasheet Search
  English  ▼

X  

CC3220MODAX Datasheet(PDF) 94 Page - Texas Instruments

Part # CC3220MODAX
Description  SimpleLink Wi-Fi CERTIFIED Wireless MCU Modules
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3220MODAX Datasheet(HTML) 94 Page - Texas Instruments

Back Button CC3220MODAX Datasheet HTML 90Page - Texas Instruments CC3220MODAX Datasheet HTML 91Page - Texas Instruments CC3220MODAX Datasheet HTML 92Page - Texas Instruments CC3220MODAX Datasheet HTML 93Page - Texas Instruments CC3220MODAX Datasheet HTML 94Page - Texas Instruments CC3220MODAX Datasheet HTML 95Page - Texas Instruments CC3220MODAX Datasheet HTML 96Page - Texas Instruments CC3220MODAX Datasheet HTML 97Page - Texas Instruments CC3220MODAX Datasheet HTML 98Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 100 page
background image
www.ti.com
PACKAGE OUTLINE
C
2X (0.38)
2X (0.42)
2.45 MAX
0.88
0.72
2X 12.7
2X
19.05
30X 1.27
54X
0.81
0.05
9X
2 0.05
1.5
1.5
6X 3
6X 3
20X 1.27
A
17.75
17.25
B
20.75
20.25
(0.3) TYP
(0.3)
TYP
(0.32)
PADS 1,16,28 & 43
QFM - 2.45 mm max height
MOB0063A
QUAD FLAT MODULE
4221462/B 10/2016
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
AREA
PIN 1 INDEX
0.1
X1)
(45
PIN 1 ID
1
2
15
16
17
27
28
29
42
43
44
54
55
57
58
60
63
61
0.15
C A B
0.05
C
56
59
62
SCALE 0.650



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com