Electronic Components Datasheet Search
  English  ▼

X  

CC3220MODAX Datasheet(PDF) 63 Page - Texas Instruments

Part # CC3220MODAX
Description  SimpleLink Wi-Fi CERTIFIED Wireless MCU Modules
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3220MODAX Datasheet(HTML) 63 Page - Texas Instruments

Back Button CC3220MODAX Datasheet HTML 59Page - Texas Instruments CC3220MODAX Datasheet HTML 60Page - Texas Instruments CC3220MODAX Datasheet HTML 61Page - Texas Instruments CC3220MODAX Datasheet HTML 62Page - Texas Instruments CC3220MODAX Datasheet HTML 63Page - Texas Instruments CC3220MODAX Datasheet HTML 64Page - Texas Instruments CC3220MODAX Datasheet HTML 65Page - Texas Instruments CC3220MODAX Datasheet HTML 66Page - Texas Instruments CC3220MODAX Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 100 page
background image
63
CC3220MOD, CC3220MODA
www.ti.com
SWRS206B – MARCH 2017 – REVISED AUGUST 2017
Submit Documentation Feedback
Product Folder Links: CC3220MOD CC3220MODA
Detailed Description
Copyright © 2017, Texas Instruments Incorporated
The NWP can be active or in LPDS mode and takes care of its own mode transitions. When there is no
network activity, the NWP sleeps most of the time and wakes up only for beacon reception (see
Table 6-3).
Table 6-3. Networking Subsystem Modes
NETWORK PROCESSOR MODE
DESCRIPTION
Network active mode
(processing layer 3, 2, and 1)
Transmitting or receiving IP protocol packets
Network active mode
(processing layer 2 and 1)
Transmitting or receiving MAC management frames; IP processing not required.
Network active listen mode
Special power optimized active mode for receiving beacon frames (no other frames supported)
Network connected Idle
A composite mode that implements 802.11 infrastructure power save operation. The CC3220MODx
and CC3220MODAx NWPs automatically goes into LPDS mode between beacons and then wakes
to active listen mode to receive a beacon and determine if there is pending traffic at the AP. If not,
the NWP returns to LPDS mode and the cycle repeats.
Network LPDS mode
Low-power state between beacons in which the state is retained by the NWP, allowing for a rapid
wake up.
Network disabled
The network is disabled
The operation of the application and network processor ensures that the module remains in the lowest
power mode most of the time to preserve battery life.
The following examples show the use of the power modes in applications:
•
A product that is continuously connected to the network in the 802.11 infrastructure power-save mode
but sends and receives little data spends most of the time in connected idle, which is a composite of
receiving a beacon frame and waiting for the next beacon.
•
A product that is not continuously connected to the network but instead wakes up periodically (for
example, every 10 minutes) to send data, spends most of the time in hibernate mode, jumping briefly
to active mode to transmit data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com