Electronic Components Datasheet Search
  English  ▼

X  

CC3220MODAX Datasheet(PDF) 1 Page - Texas Instruments

Part # CC3220MODAX
Description  SimpleLink Wi-Fi CERTIFIED Wireless MCU Modules
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3220MODAX Datasheet(HTML) 1 Page - Texas Instruments

  CC3220MODAX Datasheet HTML 1Page - Texas Instruments CC3220MODAX Datasheet HTML 2Page - Texas Instruments CC3220MODAX Datasheet HTML 3Page - Texas Instruments CC3220MODAX Datasheet HTML 4Page - Texas Instruments CC3220MODAX Datasheet HTML 5Page - Texas Instruments CC3220MODAX Datasheet HTML 6Page - Texas Instruments CC3220MODAX Datasheet HTML 7Page - Texas Instruments CC3220MODAX Datasheet HTML 8Page - Texas Instruments CC3220MODAX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 100 page
background image
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
CC3220MOD, CC3220MODA
SWRS206B – MARCH 2017 – REVISED AUGUST 2017
CC3220MODx and CC3220MODAx SimpleLink™ Wi-Fi® CERTIFIED™
Wireless MCU Modules
1
Module Overview
1
1.1
Features
1
• CC3220MODx is a Family of Wireless MCU
Modules Consisting of SimpleLink™ Wi-Fi® Single
Chip Wireless MCUs—the CC3220MODS and
CC3220MODAS Modules Consist of the
CC3220SM2ARGK Wireless MCU, while the
CC3220MODSF and CC3220MODASF Modules
Consist of the CC3220SF12ARGK Wireless MCU.
Fully Integrated, Industrial Temperature-Grade,
Green Modules Include All Required Clocks, SPI
Flash, and Passives
• CC3220MODAx Modules Include an Integral
Antenna for Easy Integration Into the Host System
• CC3220MODx and CC3220MODAx SimpleLink
Wi-Fi Wireless MCU System-on-Chip (SoC)
Contains a Single Chip With Two Separate
Execution Environments:
– User Application Dedicated ARM® Cortex®-M4
MCU
– Network Processor MCU to Run All Wi-Fi and
Internet Logical Layers
• FCC, IC, CE, MIC, and SRRC Certified
• Wi-Fi Alliance Members Can Request Certificate
Transfer of Wi-Fi CERTIFIED™ Modules
• 1.27-mm Pitch QFM Package for Easy Assembly
and Low-Cost PCB Design
• Applications MCU Subsystem
– ARM Cortex-M4 Core at 80 MHz
– Embedded Memory
– CC3220MODS and CC3220MODAx Variants
Include 256KB of RAM
– CC3220MODSF and CC3220MODASF are
Flash-Based MCUs With An Integrated 1MB
of Flash and 256KB of RAM
– Peripheral Drivers in ROM
– McASP Supports Two I2S Channels
– SD
– SPI
– I2C
– UART
– 8-Bit Synchronous Image Interface
– Four General-Purpose Timers (GPTs) With
16-Bit PWM Mode
– One Watchdog Timer Module
– 4-Channel, 12-Bit Analog-to-Digital Converters
(ADCs)
– Debug Interfaces: JTAG, cJTAG, and SWD
• Wi-Fi Network Processor Subsystem
– Wi-Fi Internet-on-a chip™ Dedicated ARM MCU
Completely Offloads Wi-Fi and Internet
Protocols from the Application MCU
– Wi-Fi Modes
– 802.11b/g/n Station
– 802.11b/g/n Access Point Supports up to
Four Stations
– Wi-Fi Direct® Client and Group Owner
– WPA2™ Personal and Enterprise Security:
WEP, WPA™, WPA2 PSK, and WPA2
Enterprise (802.1x)
– IPv4 and IPv6 TCP and IP Stack
– Industry-Standard BSD Socket Application
Programming Interfaces (APIs)
–
16 Simultaneous TCP or UDP Sockets
–
6 Simultaneous TLS and SSL Sockets
– IP Addressing: StaticIP, LLA, DHCPv4,
DHCPv6 With Duplicate Address Detection
(DAD)
– SimpleLink Technology Connection Manager
for Autonomous and Fast Wi-Fi Connections
– Flexible Wi-Fi Provisioning With
SmartConfig™ Technology, AP Mode, and
WPS2 Options
– RESTful API Support Using Internal HTTP
Server
– Embedded Network Applications Running on
Dedicated Network Processor
– Wide Set of Security Features
–
Hardware Features:
–
Separate Execution Environments
–
Device Identity
–
Hardware Crypto Engine for Advanced
Fast Security, Including: AES, DES,
3DES, SHA2, MD5, CRC, and
Checksum
–
Initial Secure Programming
–
Debug Security
–
JTAG and Debug Ports are Locked
–
Personal and Enterprise Wi-Fi Security
–
Secure Sockets
(SSLv3, TLS1.0, TLS1.1, TLS1.2)


Similar Part No. - CC3220MODAX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC3220MOD TI1-CC3220MOD Datasheet
2Mb / 82P
SimpleLink Wi-Fi CERTIFIED Wireless Module Solution
CC3220MOD TI1-CC3220MOD Datasheet
1Mb / 88P
SimpleLink Wi-Fi CERTIFIED Wireless Module Solutions (S and SF)
CC3220MODSF12MOBR TI1-CC3220MODSF12MOBR Datasheet
1Mb / 88P
SimpleLink Wi-Fi CERTIFIED Wireless Module Solutions (S and SF)
CC3220MODSF12MOBR/T TI1-CC3220MODSF12MOBR/T Datasheet
2Mb / 82P
SimpleLink Wi-Fi CERTIFIED Wireless Module Solution
CC3220MODSM2MOBR TI1-CC3220MODSM2MOBR Datasheet
1Mb / 88P
SimpleLink Wi-Fi CERTIFIED Wireless Module Solutions (S and SF)
More results

Similar Description - CC3220MODAX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC3120 TI1-CC3120 Datasheet
1Mb / 57P
SimpleLink Wi-Fi Wireless Network Processor Internet-of-Things Solution for MCU Applications
CC3220 TI1-CC3220 Datasheet
2Mb / 84P
SimpleLink Wi-Fi Wireless and Internet-of-Things Solution, a Single-Chip Wireless MCU
CC3120MOD TI1-CC3120MOD Datasheet
2Mb / 52P
SimpleLink Wi-Fi CERTIFIED Network Processor Internet-of-Things Module Solution for MCU Applications
CC3220MOD TI1-CC3220MOD Datasheet
2Mb / 82P
SimpleLink Wi-Fi CERTIFIED Wireless Module Solution
CC3220MOD TI1-CC3220MOD_17 Datasheet
1Mb / 88P
SimpleLink Wi-Fi CERTIFIED Wireless Module Solutions (S and SF)
CC3220R TI1-CC3220R_18 Datasheet
2Mb / 92P
SimpleLink Wi-Fi Single-Chip Wireless MCU Solutions
CC3135MOD TI1-CC3135MOD Datasheet
1Mb / 60P
SimpleLink Wi-Fi CERTIFIED Dual-Band Network Processor Module Solution for MCU Applications
CC3235MODS TI1-CC3235MODS Datasheet
1Mb / 98P
SimpleLinkTM Wi-Fi CERTIFIED Dual-Band Wireless MCU Module
CC3235MODS TI1-CC3235MODS_V01 Datasheet
2Mb / 106P
CC3235MODx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
CC3235MODAS TI1-CC3235MODAS Datasheet
2Mb / 100P
CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com