Electronic Components Datasheet Search
  English  ▼

X  

CC3220MODAX Datasheet(PDF) 67 Page - Texas Instruments

Part # CC3220MODAX
Description  SimpleLink Wi-Fi CERTIFIED Wireless MCU Modules
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3220MODAX Datasheet(HTML) 67 Page - Texas Instruments

Back Button CC3220MODAX Datasheet HTML 63Page - Texas Instruments CC3220MODAX Datasheet HTML 64Page - Texas Instruments CC3220MODAX Datasheet HTML 65Page - Texas Instruments CC3220MODAX Datasheet HTML 66Page - Texas Instruments CC3220MODAX Datasheet HTML 67Page - Texas Instruments CC3220MODAX Datasheet HTML 68Page - Texas Instruments CC3220MODAX Datasheet HTML 69Page - Texas Instruments CC3220MODAX Datasheet HTML 70Page - Texas Instruments CC3220MODAX Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 100 page
background image
67
CC3220MOD, CC3220MODA
www.ti.com
SWRS206B – MARCH 2017 – REVISED AUGUST 2017
Submit Documentation Feedback
Product Folder Links: CC3220MOD CC3220MODA
Detailed Description
Copyright © 2017, Texas Instruments Incorporated
6.9
Boot Modes
6.9.1
Boot Mode List
The CC3220MODx and CC3220MODAx module implements a sense-on-power (SoP) scheme to
determine the device operation mode.
SoP values are sensed from the module pin during power up. This encoding determines the boot flow.
Before the device is taken out of reset, the SoP values are copied to a register and used to determine the
device operation mode while powering up. These values determine the boot flow as well as the default
mapping for some of the pins (JTAG, SWD, UART0). Table 6-5 lists the pull configurations.
Table 6-5. CC3220MODx and CC3220MODAx Functional Configurations
NAME
SOP[2]
SOP[1]
SOP[0]
SoP MODE
COMMENT
UARTLOAD
Pullup
Pulldown
Pulldown
LDfrUART
Factory, lab Flash, and SRAM loads
through the UART. The device waits
indefinitely for the UART to load code.
The SOP bits then must be toggled to
configure the device in functional mode.
Also puts JTAG in 4-wire mode.
FUNCTIONAL_2WJ
Pulldown
Pulldown
Pullup
Fn2WJ
Functional development mode. In this
mode, 2-pin SWD is available to the
developer. TMS and TCK are available
for debugger connection.
FUNCTIONAL_4WJ
Pulldown
Pulldown
Pulldown
Fn4WJ
Functional development mode. In this
mode, 4-pin JTAG is available to the
developer. TDI, TMS, TCK, and TDO are
available for debugger connection. The
default configuration for CC3220MODx
and CC3220MODAx modules.
UARTLOAD_FUNCTIONAL_4WJ
Pulldown
Pullup
Pulldown
LDfrUART_FnWJ
Supports Flash and SRAM load through
UART and functional mode. The MCU
bootloader tries to detect a UART break
on UART receive line. If the break signal
is present, the device enters the
UARTLOAD mode, otherwise, the device
enters the functional mode. TDI, TMS,
TCK, and TDO are available for
debugger connection.
RET_FACTORY_IMAGE
Pulldown
Pullup
Pullup
RetFactDef
When module reset is toggled, the MCU
bootloader kickstarts the procedure to
restore factory default images.
All CC3220MODx and CC3220MODAx modules contain internal pull down resistors on the SOP[2:0] lines.
The application can use SOP2 for other functions after chip has powered up. However, to avoid spurious
SOP values from being sensed at power up, TI strongly recommends using the SOP2 pin only for output
signals. The SOP0 and SOP1 pins are multiplexed with the WLAN analog test pins and are not available
for other functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com