Electronic Components Datasheet Search
  English  ▼

X  

CC3220MODAX Datasheet(PDF) 68 Page - Texas Instruments

Part # CC3220MODAX
Description  SimpleLink Wi-Fi CERTIFIED Wireless MCU Modules
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3220MODAX Datasheet(HTML) 68 Page - Texas Instruments

Back Button CC3220MODAX Datasheet HTML 64Page - Texas Instruments CC3220MODAX Datasheet HTML 65Page - Texas Instruments CC3220MODAX Datasheet HTML 66Page - Texas Instruments CC3220MODAX Datasheet HTML 67Page - Texas Instruments CC3220MODAX Datasheet HTML 68Page - Texas Instruments CC3220MODAX Datasheet HTML 69Page - Texas Instruments CC3220MODAX Datasheet HTML 70Page - Texas Instruments CC3220MODAX Datasheet HTML 71Page - Texas Instruments CC3220MODAX Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 100 page
background image
68
CC3220MOD, CC3220MODA
SWRS206B – MARCH 2017 – REVISED AUGUST 2017
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC3220MOD CC3220MODA
Detailed Description
Copyright © 2017, Texas Instruments Incorporated
6.10 Device Certification and Qualification
The CC3220MODx and CC3220MODAx modules from TI are certified for FCC, IC, ETSI/CE, Japan MIC,
and SRRC. Moreover, the module is also Wi-Fi certified with the ability to request a certificate transfer for
Wi-Fi alliance members. TI customers that build products based on the CC3220MODx or CC3220MODAx
from TI can save in testing cost and time per product family.
Table 6-6. CC3220MODx and CC3200MODAx List of Certifications
Regulatory Body
Specification
ID (IF APPLICABLE)
FCC (USA)
Part 15C + MPE FCC RF Exposure
Z64-CC3220MOD
IC (Canada)
RSS-102 (MPE) and RSS-247 (Wi-Fi)
451I-CC3220MOD
ETSI/CE (Europe)
EN300328 v2.1.1 (2.4GHz Wi-Fi)
—
EN62311:2008 (MPE)
—
EN301489-1 v2.1.1 (General EMC)
—
EN301489-17 v3.1.1 (EMC)
—
EN60950-
1:2006/A11:2009/A1:2010/A12:2011/A2:2013
—
MIC (Japan)
Article 49-20 of ORRE
210-170386
SRRC (China)
EN300328 v1.7.1
CC3220MODSM2MOB: 2017DJ2948(M)
CC3220MODSF12MOB: 2017DJ2944(M)
CC3220MODASM2MON: 2017DJ3095
CC3220MODASF12MON: 2017DJ3121
6.10.1 FCC Certification and Statement
The CC3220MODx and CC3220MODAx modules from TI are certified for the FCC as a single-modular
transmitter. The modules are FCC-certified radio modules that carries a modular grant.
You are cautioned that changes or modifications not expressly approved by the party responsible for
compliance could void the user’s authority to operate the equipment.
This device complies with Part 15 of the FCC Rules. Operation is subject to the following two conditions:
•
This device may not cause harmful interference.
•
This device must accept any interference received, including interference that may cause undesired
operation of the device.
CAUTION
FCC RF Radiation Exposure Statement:
This equipment complies with FCC radiation exposure limits set forth for an
uncontrolled environment. End users must follow the specific operating
instructions for satisfying RF exposure limits. This transmitter must not be
colocated or operating with any other antenna or transmitter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com