Electronic Components Datasheet Search
  English  ▼

X  

PALCE29MA16 Datasheet(PDF) 2 Page - Advanced Micro Devices

Part # PALCE29MA16
Description  24-Pin EE CMOS Programmable Array Logic
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

PALCE29MA16 Datasheet(HTML) 2 Page - Advanced Micro Devices

  PALCE29MA16 Datasheet HTML 1Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 2Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 3Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 4Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 5Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 6Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 7Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 8Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
AMD
2-350
PALCE29MA16H-25
GENERAL DESCRIPTION (continued)
semicustom solutions such as gate arrays and standard
cells, including reduced development time and low up-
front development cost.
The PALCE29MA16 uses the familiar sum-of-products
(AND-OR) structure, allowing users to customize logic
functions by programming the device for specific appli-
cations. It provides up to 29 array inputs and 16 outputs.
It incorporates AMD’s unique input/output logic macro-
cell which provides flexible input/output structure and
polarity, flexible feedback selection, multiple Output En-
able choices, and a programmable clocking scheme.
The macrocells can be individually programmed as
combinatorial, registered, or latched with active-HIGH
or active-LOW polarity. The flexibility of the logic macro-
cells permits the system designer to tailor the device to
particular application requirements.
Increased logic power has been built into the
PALCE29MA16 by providing a varied number of logic
product terms per output. Of the 16 outputs, 8 outputs
have 4 product terms each, 4 outputs have 8 product
terms each, and the other 4 outputs have 12 product
terms each. This varied product-term distribution allows
complex functions to be implemented in a single PAL
device. Each output can be dynamically controlled by a
common Output Enable pin or Output Enable product
term. Each output can also be permanently enabled or
disabled.
System operation has been enhanced by the addition of
common asynchronous-Preset and Reset product
terms
and
a
power-up
Reset
feature.
The
PALCE29MA16 also incorporates Preload and Obser-
vability functions which permit full logic verification of
the design.
The PALCE29MA16 is offered in the space-saving
300-mil SKINNYDIP package as well as the plastic
leaded chip carrier package.
CONNECTION DIAGRAMS
Top View
I/OF7
I3
SKINNYDIP
CLK/
LE
I/OF3
VCC
I/O7
I/O5
GND
I2
I/OF2
I/O1
I/OF1
I0
I/OF6
I/O6
I/
OE
1
3
5
7
9
11
12
10
2
4
8
6
24
22
20
18
16
14
13
15
23
21
17
19
I/OF0
I/O0
I/O3
I/O2
I/O4
I/OF5
I/OF4
PLCC
Note:
Pin 1 is marked for orientation.
I1
1
32
428 27 26
I/O7
I/O6
NC
I/O5
I/O4
I/OF5
6
7
8
9
10
11
19
20
I/O0
I/O2
I/O3
I/OF2
24
23
22
21
I/OF6
5
I/OF1
25
12 13
17
15 16
14
18
I/O1
NC
PIN DESIGNATIONS
CLK/
LE
= Clock or Latch Enable
GND
= Ground
I
= Input
I/O
= Input/Output
I/OF
= Input/Output with Dual Feedback
VCC
= Supply Voltage
NC
= No Connection
08811G-2
08811G-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com