Electronic Components Datasheet Search
  English  ▼

X  

PALCE29MA16 Datasheet(PDF) 20 Page - Advanced Micro Devices

Part # PALCE29MA16
Description  24-Pin EE CMOS Programmable Array Logic
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

PALCE29MA16 Datasheet(HTML) 20 Page - Advanced Micro Devices

Back Button PALCE29MA16 Datasheet HTML 16Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 17Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 18Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 19Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 20Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 21Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 22Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 23Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 24Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
AMD
2-368
PALCE29MA16H-25 (Com’l)
SWITCHING CHARACTERISTICS
Reset/Preset, Enable
Note:
1. Output disable times do not include test load RC time constants.
Parameter
Symbol
Parameter Description
Min
Max
Unit
tAPO
Input or I/O Pin to Output Register/Latch
30
ns
Reset/Preset
tAW
Asynchronous Reset/Preset Pulse Width
15
ns
tARO
Asynchronous Reset/Preset to Output
15
ns
Register/Latch Recovery
tARI
Asynchronous Reset/Preset to Input
12
ns
Register/Latch Recovery
tARPO
Asynchronous Reset/Preset to Output
4
ns
Register/Latch Recovery PT Clock/LE
tARPI
Asynchronous Reset/Preset to Input
6
ns
Register/Latch Recovery PT Clock/LE
Output Enable Operation
tPZX
I/
OE Pin to Output Enable
20
ns
tPXZ
I/
OE Pin to Output Disable (Note 1)
20
ns
tEA
Input or I/O to Output Enable via PT
25
ns
tER
Input or I/O to Output Disable via PT (Note 1)
25
ns
SWITCHING WAVEFORMS
Input Register/Latch Reset/Preset
Combinatorial
Asynchronous
Reset/Preset
VT
VT
Clock
tAW
tARI
VT
Pin 11
Combinatorial/
Registered/
Latched
Output
Pin 11 to Output Disable/Enable
t PXZ
t PZX
VOL + 0.5 V
VOH - 0.5 V
VT
Output Register/Latch Reset/Preset
Combinatorial
Asynchronous
Reset/Preset
Registered/
Latched
Output
VT
VT
VT
Clock
tARO
tAW
t APO
08811G-37
08811G-39
08811G-38
Combinatorial/
Registered/
Latched
Output
Input to Output Disable/Enable
t ER
t EA
VOL + 0.5 V
VOH - 0.5 V
VT
VT
Combinatorial
Input
08811G-40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com