Electronic Components Datasheet Search
  English  ▼

X  

PALCE29MA16 Datasheet(PDF) 25 Page - Advanced Micro Devices

Part # PALCE29MA16
Description  24-Pin EE CMOS Programmable Array Logic
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

PALCE29MA16 Datasheet(HTML) 25 Page - Advanced Micro Devices

Back Button PALCE29MA16 Datasheet HTML 17Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 18Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 19Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 20Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 21Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 22Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 23Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 24Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 25Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 25 page
background image
AMD
2-373
PALCE29MA16H-25
TYPICAL THERMAL CHARACTERISTICS
Measured at 25
°C ambient. These parameters are not tested.
Parameter
Symbol
Parameter Description
SKINNYDIP
PLCC
Unit
θjc
Thermal impedance, junction to case
17
11
°C/W
θja
Thermal impedance, junction to ambient
63
51
°C/W
θjma
Thermal impedance, junction to ambient with air flow
200 lfpm air
60
43
°C/W
400 lfpm air
52
38
°C/W
600 lfpm air
43
34
°C/W
800 lfpm air
39
30
°C/W
Typ
Plastic
θjc Considerations
The data listed for plastic
θjc are for reference only and are not recommended for use in calculating junction temperatures. The
heat-flow paths in plastic-encapsulated devices are complex, making the
θjc measurement relative to a specific location on the
package surface. Tests indicate this measurement reference point is directly below the die-attach area on the bottom center of the
package. Furthermore,
θjc tests on packages are performed in a constant-temperature bath, keeping the package surface at a
constant temperature. Therefore, the measurements can only be used in a similar environment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com