Electronic Components Datasheet Search
  English  ▼

X  

PALCE29MA16 Datasheet(PDF) 12 Page - Advanced Micro Devices

Part # PALCE29MA16
Description  24-Pin EE CMOS Programmable Array Logic
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

PALCE29MA16 Datasheet(HTML) 12 Page - Advanced Micro Devices

Back Button PALCE29MA16 Datasheet HTML 8Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 9Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 10Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 11Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 12Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 13Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 14Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 15Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 16Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
AMD
2-360
PALCE29MA16H-25 (Com’l)
ABSOLUTE MAXIMUM RATINGS
Storage Temperature
–65
°C to +150°C
. . . . . . . . . . .
Ambient Temperature
with Power Applied
–55
°C to +125°C
. . . . . . . . . . . . .
Supply Voltage with
Respect to Ground
–0.5 V to +7.0 V
. . . . . . . . . . . . .
DC Input Voltage
–0.5 V to VCC + 0.5 V
. . . . . . . . . . .
DC Output or I/O
Pin Voltage
–0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . .
Static Discharge Voltage
2001 V
. . . . . . . . . . . . . . . . .
Latchup Current (TA = 0
°C to +75°C)
100 mA
. . . . . .
Stresses above those listed under Absolute Maximum Rat-
ings may cause permanent device failure. Functionality at or
above these limits is not implied. Exposure to Absolute Maxi-
mum Ratings for extended periods may affect device reliabil-
ity. Programming conditions may differ.
OPERATING RANGES
Commercial (C) Devices
Ambient Temperature (TA)
Operating in Free Air
0
°C to +75°C
. . . . . . . . . . . . . .
Supply Voltage (VCC)
with Respect to Ground
+4.75 V to +5.25 V
. . . . . . . .
Operating ranges define those limits between which the func-
tionality of the device is guaranteed.
DC CHARACTERISTICS over COMMERCIAL operating ranges unless otherwise
specified
Notes:
1. These are absolute values with respect to device ground all overshoots due to system and/or tester noise are included.
2. I/O pin leakage is the worst case of IIL and IOZL (or IIH and IOZH).
3. Not more than one output should be shorted at a time and duration of the short-circuit should not exceed one second.
VOUT = 0.5 V has been chosen to avoid test problems caused by tester ground degradation.
Parameter
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
VOH
Output HIGH Voltage
IOH = –2 mA
VIN = VIH or VIL
2.4
V
VCC = Min
VOL
Output LOW Voltage
IOL = 8 mA
VIN = VIH or VIL
0.5
IOL = 4 mA
VCC = Min
0.33
V
IOL = 20
µA
0.1
VIH
Input HIGH Voltage
Guaranteed Input Logical HIGH
2.0
V
Voltage for all Inputs (Note 1)
VIL
Input LOW Voltage
Guaranteed Input Logical LOW
0.8
V
Voltage for all Inputs (Note 1)
IIH
Input HIGH Leakage Current
VIN = 5.5 V, VCC = Max (Note 2)
10
µA
IIL
Input LOW Leakage Current
VIN = 0 V, VCC = Max (Note 2)
–10
µA
IOZH
Off-State Output Leakage
VOUT = 5.5 V, VCC = Max
10
µA
Current HIGH
VIN = VIH or VIL (Note 2)
IOZL
Off-State Output Leakage
VOUT = 5.5 V, VCC = Max
–10
µA
Current LOW
VIN = VIH or VIL (Note 2)
ISC
Output Short-Circuit Current
VOUT = 0.5 V, VCC = Max (Note 3)
–30
–130
mA
ICC
Supply Current
VIN = 0 V, Outputs Open (IOUT = 0 mA)
100
mA
VCC = Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com