Electronic Components Datasheet Search
  English  ▼

X  

PALCE29MA16 Datasheet(PDF) 5 Page - Advanced Micro Devices

Part # PALCE29MA16
Description  24-Pin EE CMOS Programmable Array Logic
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

PALCE29MA16 Datasheet(HTML) 5 Page - Advanced Micro Devices

  PALCE29MA16 Datasheet HTML 1Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 2Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 3Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 4Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 5Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 6Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 7Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 8Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
AMD
2-353
PALCE29MA16H-25
The output polarity for each macrocell in each of the
three modes of operation is user-selectable, allowing
complete flexibility of the macrocell configuration.
Eight of the macrocells (I/OF0–I/OF7) have two inde-
pendent feedback paths to the AND array (see Figure
2b). The first is a dedicated I/O pin feedback to the AND
array for combinatorial input. The second path consists
of a direct register/latch feedback to the array. If the pin
is used as a dedicated input using the first feedback
path, the register/latch feedback path is still available to
the AND array. This path provides the capability of using
the register/latch as a buried state register/latch. The
other eight macrocells have a single feedback path to
the AND array. This feedback is user-selectable as
either an I/O pin or a register/latch feedback (see
Figure 2a).
Each macrocell can provide true input/output capability.
The user can select each macrocell register/latch to be
driven by either the signal generated by the AND-OR ar-
ray or the corresponding I/O pin. When the I/O pin is se-
lected as the input, the feedback path provides the
register/latch input to the array. When used as an input,
each macrocell is also user-programmable for regis-
tered, latched, or combinatorial input.
The PALCE29MA16 has a dedicated CLK/
LE pin and
one individual CLK/
LE product term or macrocell. All
macrocells have a programmable switch to choose be-
tween the CLK/
LE pin and the CLK/LE product term as
the clock or latch enable signal. These signals are clock
signals for macrocells configured as registers and latch
enable signals for macrocells configured as latches.
The polarity of these CLK/
LE signals is also individually
programmable. Thus different registers or latches can
be driven by different clocks and clock phases.
The Output-Enable mode of each of the macrocells can
be selected by the user. The I/O pin can be configured
as an output pin (permanently enabled) or as an input
pin (permanently disabled). It can also be configured as
a dynamic I/O controlled by the Output Enable pin or by
a product term.
I/O Logic Macrocell Configuration
AMD’s unique I/O macrocell offers major benefits
through its versatile, programmable input/output cell
structure, multiple clock choices, flexible Output Enable
and feedback selection. Eight I/O macrocells with single
feedback contain 9 EE cells, while the other eight ma-
crocells contain 8 EE cells for programming the input/
output functions (see Table 1).
EE cell S1 controls whether the macrocell will be combi-
natorial or registered/latched. S0 controls the output po-
larity (active-HIGH or active-LOW). S2 determines
whether the storage element is a register or a latch. S3
allows the use of the macrocell as an input register/latch
or as an output register/latch. It selects the direction of
the data path through the register/latch. If connected to
the usual AND-OR array output, the register/latch is an
output connected to the I/O pin. If connected to the I/O
pin, the register/latch becomes an input register/latch to
the AND array using the feedback data path.
Programmable EE cells S4 and S5 allow the user to se-
lect one of the four CLK/
LE signals for each macrocell.
S6 and S7 are used to control Output Enable as pin con-
trolled, product-term controlled, permanently enabled or
permanently disabled. S8 controls a feedback multi-
plexer for the macrocells with a single feedback path
only.
Using the programmable EE cells S0–S8 various input
and output configurations can be selected. Some of the
possible configuration options are shown in Figure 3.
In the erased state (charged, disconnected), an archi-
tectural cell is said to have a value of “1”; in the pro-
grammed state (discharged, connected to GND), an
architectural cell is said to have a value of “0.”
1
0
Preset
Reset
S2
S3
1 1
1 0
0 1
0 0
S4
S5
Common I/
OE (Pin)
Individual OE
Individual Asynchronous Preset
P0
P3
Common CLK/
LE (PIN)
Individual CLK/
LE
Individual Asynchronous Reset
To AND Array
I/OF
S6
S7
VCC
S0
S1
D
Q
0 1
1 1
1 0
0 0
1 1
0 1
1 0
0 0
Q
CLK/
LE
X
RFX
To AND Array
Figure 2b. PALCE29MA16 Macrocell (Dual Feedback)
08811G-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com