Electronic Components Datasheet Search
  English  ▼

X  

PALCE29MA16 Datasheet(PDF) 1 Page - Advanced Micro Devices

Part # PALCE29MA16
Description  24-Pin EE CMOS Programmable Array Logic
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

PALCE29MA16 Datasheet(HTML) 1 Page - Advanced Micro Devices

  PALCE29MA16 Datasheet HTML 1Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 2Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 3Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 4Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 5Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 6Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 7Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 8Page - Advanced Micro Devices PALCE29MA16 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Publication# 08811
Rev. G
Amendment /0
Issue Date: June 1993
2-349
PALCE29MA16H-25
24-Pin EE CMOS Programmable Array Logic
FINAL
COM’L: H-25
DISTINCTIVE CHARACTERISTICS
s High-performance semicustom logic
replacement; Electrically Erasable (EE)
technology allows reprogrammability
s 16 bidirectional user-programmable I/O logic
macrocells for Combinatorial/Registered/
Latched operation
s Output Enable controlled by a pin or product
terms
s Varied product term distribution for increased
design flexibility
s Programmable clock selection with common
pin clock/latch enable (
LE) or individual
product term clock/
LE with LOW/HIGH clock/
LE polarity
s Register/Latch Preload permits full logic
verification
s High speed (tPD = 25 ns, fMAX = 33 MHz and fMAX
internal = 50 MHz)
s Full-function AC and DC testing at the factory
for high programming and functional yields
and high reliability
s 24-pin 300 mil SKINNYDIP and 28-pin plastic
leaded chip carrier packages
s Extensive third-party software and programmer
support through FusionPLD partners
GENERAL DESCRIPTION
The PALCE29MA16 is a high-speed, EE CMOS Pro-
grammable Array Logic (PAL) device designed for gen-
eral logic replacement in TTL or CMOS digital systems.
It offers high speed, low power consumption, high
programming yield, fast programming, and excellent
reliability. PAL devices combine the flexibility of custom
logic with the off-the-shelf availability of standard
products, providing major advantages over other
BLOCK DIAGRAM
08811G-1
I/O
Logic
Macrocell
I/OF
I/O
I/O
I/O
I/O
I/OF
I/OE
I/O
I/O
I/O
I/O
I/OF
I/OF
Programmable
AND Array
58x178
I -I
I/OF
CLK/LE
4
0 3
0
1
I/OF
0
12
32
3
4
I/OF5
4
5
6
7
6
I/OF7
4
4
4
4
8
4
12
4
12
4
8
4
4
4
4
4
4
4
8
4
12
4
12
4
8
4
4
4
4
4
4
4
I/O
Logic
Macrocell
I/O
Logic
Macrocell
I/O
Logic
Macrocell
I/O
Logic
Macrocell
I/O
Logic
Macrocell
I/O
Logic
Macrocell
I/O
Logic
Macrocell
I/O
Logic
Macrocell
I/O
Logic
Macrocell
I/O
Logic
Macrocell
I/O
Logic
Macrocell
I/O
Logic
Macrocell
I/O
Logic
Macrocell
I/O
Logic
Macrocell
I/O
Logic
Macrocell


Similar Part No. - PALCE29MA16

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
PALCE29M16H-25 AMD-PALCE29M16H-25 Datasheet
302Kb / 22P
24-Pin EE CMOS Programmable Array Logic
More results

Similar Description - PALCE29MA16

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
PALCE16V8 AMD-PALCE16V8 Datasheet
224Kb / 26P
EE CMOS 20-Pin Universal Programmable Array Logic
PALCE20V8 AMD-PALCE20V8 Datasheet
235Kb / 16P
EE CMOS 24-Pin Universal Programmable Array Logic
logo
Lattice Semiconductor
MACH230-10 LATTICE-MACH230-10 Datasheet
230Kb / 29P
High-Density EE CMOS Programmable Logic
MACH435-12 LATTICE-MACH435-12 Datasheet
254Kb / 30P
High-Density EE CMOS Programmable Logic
PALCE16V8 LATTICE-PALCE16V8 Datasheet
634Kb / 32P
EE CMOS Zero-Power 20-Pin Universal Programmable Array Logic
PALCE20V8 LATTICE-PALCE20V8 Datasheet
518Kb / 27P
EE CMOS 24-Pin Universal Programmable Array Logic
PLV16V8 LATTICE-PLV16V8 Datasheet
425Kb / 22P
Low Voltage, Zero Power 20-Pin EE CMOS Universal Programmable Array Logic
logo
Advanced Micro Devices
PAL16V8 AMD-PAL16V8 Datasheet
3Mb / 6P
EE CMOS 20 PIN UNIVERSAL PROGRAMMABLE ARRAY LOGIC
PAL20R AMD-PAL20R Datasheet
1Mb / 27P
24-Pin TTL Programmable Array Logic
PALCE29M16H-25 AMD-PALCE29M16H-25 Datasheet
302Kb / 22P
24-Pin EE CMOS Programmable Array Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com